Electronic Components Datasheet Search
  English  ▼

X  

OP490 Datasheet(PDF) 12 Page - Analog Devices

Part # OP490
Description  Low Voltage, Micropower, Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP490 Datasheet(HTML) 12 Page - Analog Devices

Back Button OP490 Datasheet HTML 8Page - Analog Devices OP490 Datasheet HTML 9Page - Analog Devices OP490 Datasheet HTML 10Page - Analog Devices OP490 Datasheet HTML 11Page - Analog Devices OP490 Datasheet HTML 12Page - Analog Devices OP490 Datasheet HTML 13Page - Analog Devices OP490 Datasheet HTML 14Page - Analog Devices OP490 Datasheet HTML 15Page - Analog Devices OP490 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
OP490
Rev. E | Page 12 of 16
1/4
OP490
A
1/4
OP490
B
1/4
OP490
D
1/4
OP490
C
R4
50
Ω
R8
50
Ω
RL
7
6
5
1
4
11
2
3
13
12
9
8
10
14
R7
50
Ω
R6
5k
Ω
R3
50
Ω
R2
9k
Ω
R5
5k
Ω
R1
1k
Ω
+15V
–15V
VIN
Figure 24. High Output Amplifier
HIGH OUTPUT AMPLIFIER
The amplifier shown in Figure 24 is capable of driving 25 V p-p
into a 1 kΩ load. Design of the amplifier is based on a bridge
configuration. A amplifies the input signal and drives the load
with the help of B. Amplifier C is a unity-gain inverter which
drives the load with help from D. Gain of the high output
amplifier with the component values shown is 10, but can easily
be changed by varying R1 or R2.
SINGLE-SUPPLY MICROPOWER QUAD
PROGRAMMABLE GAIN AMPLIFIER
The combination of a quad OP490 and the DAC8408 quad 8-bit
CMOS DAC creates a quad programmable-gain amplifier with
a quiescent supply drain of only 140 μA. The digital code
present at the DAC, which is easily set by a microprocessor,
determines the ratio between the fixed DAC feedback resistor
and the resistance of the DAC ladder seen by the op amp feed-
back loop. The gain of each amplifier is:
n
V
V
IN
OUT
256
−
=
where n equals the decimal equivalent of the 8-bit digital code
present at the DAC. If the digital code present at the DAC
consists of all zeros, the feedback loop opens causing the op
amp output to saturate. The 10 MΩ resistors placed in parallel
with the DAC feedback loop eliminate this problem with a very
small reduction in gain accuracy. The 2.5 V reference biases the
amplifiers to the center of the linear region providing maximum
output swing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com