Electronic Components Datasheet Search
  English  ▼

X  

OP490 Datasheet(PDF) 11 Page - Analog Devices

Part # OP490
Description  Low Voltage, Micropower, Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP490 Datasheet(HTML) 11 Page - Analog Devices

Back Button OP490 Datasheet HTML 7Page - Analog Devices OP490 Datasheet HTML 8Page - Analog Devices OP490 Datasheet HTML 9Page - Analog Devices OP490 Datasheet HTML 10Page - Analog Devices OP490 Datasheet HTML 11Page - Analog Devices OP490 Datasheet HTML 12Page - Analog Devices OP490 Datasheet HTML 13Page - Analog Devices OP490 Datasheet HTML 14Page - Analog Devices OP490 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
OP490
Rev. E | Page 11 of 16
MICROPOWER SINGLE-SUPPLY QUAD VOLTAGE-
OUTPUT 8-BIT DAC
The circuit shown in Figure 23 uses the DAC8408 CMOS quad
8-bit DAC, and the OP490 to form a single-supply quad voltage
output DAC with a supply drain of only 140 μA. The DAC8408
is used in voltage switching mode and each DAC has an output
resistance (≈10 kΩ) independent of the digital input code. The
output amplifiers act as buffers to avoid loading the DACs. The
100 kΩ resistors ensure that the OP490 outputs swing below 0.8 V
when required.
DGND
A/B
28
VREFA
REFERENCE
VOLTAGE
1.5V
VREFB
VREFC
VREFD
IOUT1D
DAC DATA BUS
PIN 9 (LSB) TO PIN 16 (MSB)
DAC A
1/4
DAC8408
OP490
DAC8408
DAC B
1/4
DAC8408
DAC C
1/4
DAC8408
DAC D
1/4
DAC8408
R4
100k
Ω
VOUTD
R3
100k
Ω
VOUTC
R2
100k
Ω
VOUTB
R1
100k
Ω
VOUTA
1
4
11
7
14
8
+5V
2
3
6
5
13
12
9
10
21
23
IOUT2C/2D
24
IOUT1C
25
IOUT1B
6
IOUT2A/2B
5
IOUT1A
4
27
8
2
19
18
DIGITAL
CONTROL
SIGNALS
20
17
DS2
DS1
R/W
1/4
OP490
A
1/4
OP490
B
1/4
OP490
C
1/4
OP490
D
Figure 23. Micropower Single-Supply Quad Voltage Output 8-Bit DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com