Electronic Components Datasheet Search
  English  ▼

X  

PM6644 Datasheet(PDF) 8 Page - STMicroelectronics

Part # PM6644
Description  350 mA adjustable step-down regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6644 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PM6644 Datasheet HTML 4Page - STMicroelectronics PM6644 Datasheet HTML 5Page - STMicroelectronics PM6644 Datasheet HTML 6Page - STMicroelectronics PM6644 Datasheet HTML 7Page - STMicroelectronics PM6644 Datasheet HTML 8Page - STMicroelectronics PM6644 Datasheet HTML 9Page - STMicroelectronics PM6644 Datasheet HTML 10Page - STMicroelectronics PM6644 Datasheet HTML 11Page - STMicroelectronics PM6644 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Simplified application schematic
PM6644
8/35
Doc ID 023203 Rev 1
1.2
Absolute maximum ratings
1.3
Thermal data
1.4
Recommended operating conditions
Table 3.
Absolute maximum ratings
Parameter
Value
Unit
VIN to GND
-0.3 to 35
V
EN, SW, TON to GND
-0.3 to VIN +0.3
V
VCC, BYP
-0.3 to 6
V
REF, FB to GND
-0.3 to VCC +0.3
V
REF3 to GND
-0.3 to BYP +0.3
V
Power dissipation at Tamb = 25 °C
2.25
W
Maximum withstanding voltage range test condition: CDF-AECQ100-
002- “human body model” acceptance criteria: “normal performance”.
±1000
V
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-a
Thermal resistance junction to ambient
45
°C/W
Tj
Junction operating temperature range
-40 to 125
°C
Table 5.
Recommended operating conditions
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
VIN
Input voltage range
4.5
25
V
EN
EN voltage range
0
25
V
BYP
BYP operative voltage range
0
5
V
Switching regulator
embedded high-side
MOSFET(1)
RMS current capability
300
mA
Switching regulator
embedded low-side
MOSFET
300
mA
1.
Refer to Section 3.1.4: Maximum RMS output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com