Electronic Components Datasheet Search
  English  ▼

X  

PM6644 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PM6644
Description  350 mA adjustable step-down regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6644 Datasheet(HTML) 1 Page - STMicroelectronics

  PM6644 Datasheet HTML 1Page - STMicroelectronics PM6644 Datasheet HTML 2Page - STMicroelectronics PM6644 Datasheet HTML 3Page - STMicroelectronics PM6644 Datasheet HTML 4Page - STMicroelectronics PM6644 Datasheet HTML 5Page - STMicroelectronics PM6644 Datasheet HTML 6Page - STMicroelectronics PM6644 Datasheet HTML 7Page - STMicroelectronics PM6644 Datasheet HTML 8Page - STMicroelectronics PM6644 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This is information on a product in full production.
June 2012
Doc ID 023203 Rev 1
1/35
35
PM6644
350 mA adjustable step-down regulator
Datasheet
− production data
Features
■ 4.5 V to 25 V input voltage range
■ Output voltage VOUT: fixed 3.47 V or adjustable
0.9 V to 8 V
■ 350 mA valley current limit
■ Constant-on-time control
■ Programmable switching frequency
■ Pulse skipping mode (skip mode) at light loads
■ Independent EN signals
■ Latched OVP and UVP
Applications
■ Networking power supply
■ Portable applications
■ Microcontroller supply
■ Industrial supply
Description
The PM6644 is a 350 mA valley current limit step-
down regulator capable of delivering an
adjustable output voltage in the range between
0.9 V and 8 V. A fixed value of output voltage is
also available (3.47 V), saving the external
resistor divider. It is housed in a small DFN10 3x3
package. The switching regulator is based on
COT (constant-on-time) architecture, that assures
fast load transient response; the embedded
voltage feed-forward provides nearly constant
switching frequency operation. The pulse skipping
technique increases efficiency at very light load.
The switching frequency can be adjusted from
200 kHz to 600 kHz through a simple resistor. The
switching regulator can be programmed to
regulate a fixed value of 3.47 V or it can deliver an
adjustable voltage, depending on the FB pin set-
up.
DFN10
Table 1.
Device summary
Part number
Package
Packing
PM6644
DFN10
Tube
PM6644TR
DFN10
Tape and reel
www.st.com


Similar Part No. - PM6644

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6641 STMICROELECTRONICS-PM6641 Datasheet
2Mb / 47P
Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
16-Jan-2008
PM6641TR STMICROELECTRONICS-PM6641TR Datasheet
2Mb / 47P
Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
16-Jan-2008
More results

Similar Description - PM6644

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX638 MAXIM-MAX638 Datasheet
291Kb / 8P
5V/Adjustable CMOS Step-down Switching Regulator
Rev 1; 7/96
logo
National Semiconductor ...
LM5009 NSC-LM5009 Datasheet
637Kb / 14P
150 mA, 100V Step-Down Switching Regulator
LM2694 NSC-LM2694 Datasheet
760Kb / 19P
30V, 600 mA Step Down Switching Regulator
LM34919 NSC-LM34919 Datasheet
369Kb / 18P
40V, 600 mA Step Down COT Switching Regulator
LM5009 NSC-LM5009_08 Datasheet
345Kb / 16P
150 mA, 100V Step-Down Switching Regulator
logo
ON Semiconductor
CAT4201 ONSEMI-CAT4201 Datasheet
190Kb / 13P
350 mA High Efficiency Step Down LED Driver
February, 2010 ??Rev. 5
CAV4201TD-GT3 ONSEMI-CAV4201TD-GT3 Datasheet
179Kb / 12P
350 mA High Efficiency Step Down LED Driver
November, 2011 ??Rev. 1
logo
Texas Instruments
LM2694 TI-LM2694_15 Datasheet
1Mb / 26P
LM2694 30V, 600 mA Step Down Switching Regulator
LM3673 TI-LM3673_15 Datasheet
4Mb / 28P
2-MHz, 350-mA Step-Down DC-DC Converter
logo
STMicroelectronics
STEVAL-ISA139V1 STMICROELECTRONICS-STEVAL-ISA139V1 Datasheet
229Kb / 4P
350 mA valley current limit adjustable step-down regulator based on the PM6644
August 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com