Electronic Components Datasheet Search
  English  ▼

X  

PM6644 Datasheet(PDF) 10 Page - STMicroelectronics

Part # PM6644
Description  350 mA adjustable step-down regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6644 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM6644 Datasheet HTML 6Page - STMicroelectronics PM6644 Datasheet HTML 7Page - STMicroelectronics PM6644 Datasheet HTML 8Page - STMicroelectronics PM6644 Datasheet HTML 9Page - STMicroelectronics PM6644 Datasheet HTML 10Page - STMicroelectronics PM6644 Datasheet HTML 11Page - STMicroelectronics PM6644 Datasheet HTML 12Page - STMicroelectronics PM6644 Datasheet HTML 13Page - STMicroelectronics PM6644 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Simplified application schematic
PM6644
10/35
Doc ID 023203 Rev 1
1.6
Typical operating characteristics
FB = VCC, RTON = 1 MΩ, VIN = 12 V, EN = VIN, BYP connected to the switching regulator
output, no load unless specified. Measurements performed on the evaluation kit
(PM6644_DFN).
FB
Overvoltage trip threshold
Referred to FB nominal
regulation point, BYP= 3.47 V
+14
+20
%
FB
Undervoltage threshold
Referred to FB nominal
regulation point, BYP= 3.47 V
62
73
%
Inputs and outputs
FB
FB logic level
FB logic level to be in fixed
mode
VCC-0.8
V
EN
EN level
All circuitry OFF
1.3
V
All circuitry ON
2.4
V
1.
In the range Tj = 0 °C-70 °C limits are guaranteed by design and statistical analysis, not production tested. Production test
at Tj=25 °C.
Table 6.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Figure 4.
Efficiency vs. load
Figure 5.
Switching frequency vs. load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com