Electronic Components Datasheet Search
  English  ▼

X  

ADC101S021 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADC101S021
Description  ADC101S021 Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC101S021 Datasheet(HTML) 5 Page - Texas Instruments

  ADC101S021 Datasheet HTML 1Page - Texas Instruments ADC101S021 Datasheet HTML 2Page - Texas Instruments ADC101S021 Datasheet HTML 3Page - Texas Instruments ADC101S021 Datasheet HTML 4Page - Texas Instruments ADC101S021 Datasheet HTML 5Page - Texas Instruments ADC101S021 Datasheet HTML 6Page - Texas Instruments ADC101S021 Datasheet HTML 7Page - Texas Instruments ADC101S021 Datasheet HTML 8Page - Texas Instruments ADC101S021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ADC101S021
www.ti.com
SNAS307F – JULY 2005 – REVISED MARCH 2013
ADC101S021 Converter Electrical Characteristics
(1)(2) (continued)
The following specifications apply for VA = +2.7V to 5.25V, fSCLK = 1 MHz to 4 MHz, fSAMPLE = 50 ksps to 200 ksps, CL = 15
pF, unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Limits
Symbol
Parameter
Conditions
Typical
Units
(2)
DIGITAL OUTPUT CHARACTERISTICS
ISOURCE = 200 µA
VA − 0.07
VA − 0.2
V (min)
VOH
Output High Voltage
ISOURCE = 1 mA
VA − 0.1
V
ISINK = 200 µA
0.03
0.4
V (max)
VOL
Output Low Voltage
ISINK = 1 mA
0.1
V
IOZH, IOZL TRI-STATE® Leakage Current
±0.1
±10
µA (max)
COUT
TRI-STATE® Output Capacitance
2
4
pF (max)
Output Coding
Straight (Natural) Binary
POWER SUPPLY CHARACTERISTICS
2.7
V (min)
VA
Supply Voltage
5.25
V (max)
VA = +5.25V,
1.7
2.4
mA (max)
fSAMPLE = 200 ksps
Supply Current, Normal Mode
(Operational, CS low)
VA = +3.6V,
0.65
1.1
mA (max)
fSAMPLE = 200 ksps
IA
fSCLK = 0 MHz, VA = +5.25V
500
nA
fSAMPLE = 0 ksps
Supply Current, Shutdown (CS high)
VA = +5.25V, fSCLK = 4 MHz,
60
µA
fSAMPLE = 0 ksps
VA = +5.25V
8.9
12.6
mW (max)
Power Consumption, Normal Mode
(Operational, CS low)
VA = +3.6V
2.34
4.0
mW (max)
fSCLK = 0 MHz, VA = +5.25V
PD
2.6
µW
fSAMPLE = 0 ksps
Power Consumption, Shutdown
(CS high)
VA = +5.25V, fSCLK = 4 MHz,
315
µW
fSAMPLE = 0 ksps
AC ELECTRICAL CHARACTERISTICS
1.0
MHz (min)
fSCLK
Clock Frequency
(3)
4.0
MHz (max)
50
ksps (min)
fS
Sample Rate
(3)
200
ksps (max)
40
% (min)
DC
SCLK Duty Cycle
fSCLK = 4 MHz
50
60
% (max)
tACQ
Minimum Time Required for Acquisition
350
ns (max)
Throughput Time
Acquisition Time + Conversion Time
20
SCLK cycles
tQUIET
(4)
50
ns (min)
tAD
Aperture Delay
3
ns
tAJ
Aperture Jitter
30
ps
(3)
This is the frequency range over which the electrical performance is ensured. The device is functional over a wider range which is
specified under Operating Ratings.
(4)
Minimum Quiet Time required by bus relinquish and the start of the next conversion.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC101S021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com