Electronic Components Datasheet Search
  English  ▼

X  

ADC101S021 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC101S021
Description  ADC101S021 Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC101S021 Datasheet(HTML) 1 Page - Texas Instruments

  ADC101S021 Datasheet HTML 1Page - Texas Instruments ADC101S021 Datasheet HTML 2Page - Texas Instruments ADC101S021 Datasheet HTML 3Page - Texas Instruments ADC101S021 Datasheet HTML 4Page - Texas Instruments ADC101S021 Datasheet HTML 5Page - Texas Instruments ADC101S021 Datasheet HTML 6Page - Texas Instruments ADC101S021 Datasheet HTML 7Page - Texas Instruments ADC101S021 Datasheet HTML 8Page - Texas Instruments ADC101S021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ADC101S021
www.ti.com
SNAS307F – JULY 2005 – REVISED MARCH 2013
ADC101S021 Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
Check for Samples: ADC101S021
1
FEATURES
DESCRIPTION
The ADC101S021 is a low-power, single channel
2
•
Specified Over a Range of Sample Rates.
CMOS 10-bit analog-to-digital converter with a high-
•
6-Lead WSON and SOT-23 Packages
speed
serial
interface.
Unlike
the
conventional
•
Variable Power Management
practice of specifying performance at a single sample
rate only, the ADC101S021 is fully specified over a
•
Single Power Supply with 2.7V - 5.25V Range
sample rate range of 50 ksps to 200 ksps. The
•
SPI™/QSPI™/MICROWIRE/DSP Compatible
converter is based upon a successive-approximation
register architecture with an internal track-and-hold
APPLICATIONS
circuit.
•
Portable Systems
The output serial data is straight binary, and is
•
Remote Data Acquisition
compatible with several standards, such as SPI™,
QSPI™, MICROWIRE, and many common DSP
•
Instrumentation and Control Systems
serial interfaces.
The ADC101S021 operates with a single supply that
can range from +2.7V to +5.25V. Normal power
consumption using a +3.6V or +5.25V supply is 2.34
mW and 8.9 mW, respectively. The power-down
feature reduces the power consumption to as low as
2.6 µW using a +5.25V supply.
The ADC101S021 is packaged in 6-lead WSON and
SOT-23 packages. Operation over the industrial
temperature range of
−40°C to +85°C is ensured.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Table 1. Key Specifications
VALUE
UNIT
DNL
+0.16 / -0.09
LSB (typ)
INL
+0.14 / -0.13
LSB (typ)
SNR
61.6
dB (typ)
Power Consumption
3.6V Supply
2.34
mW (typ)
5.25V Supply
8.9
mW (typ)
Table 2. Pin-Compatible Alternatives by Resolution and Speed(1)
Resolution
Specified for Sample Rate Range of:
50 to 200 ksps
200 to 500 ksps
500 ksps to 1 Msps
12-bit
ADC121S021
ADC121S051
ADC121S101
10-bit
ADC101S021
ADC101S051
ADC101S101
8-bit
ADC081S021
ADC081S051
ADC081S101
(1)
All devices are fully pin and function compatible.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC101S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC101S021 NSC-ADC101S021 Datasheet
621Kb / 13P
Single Channel, 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC101S021 TI-ADC101S021 Datasheet
1Mb / 23P
Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC101S021 TI-ADC101S021 Datasheet
1Mb / 26P
ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
ADC101S021 TI1-ADC101S021 Datasheet
1Mb / 23P
ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC101S021 TI1-ADC101S021 Datasheet
1Mb / 24P
ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
More results

Similar Description - ADC101S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
TEXAS ADVANCED OPTOELEC...
ADC101S051 TAOS-ADC101S051 Datasheet
724Kb / 16P
Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
logo
Texas Instruments
ADC102S021CIMM TI-ADC102S021CIMM Datasheet
1Mb / 25P
ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC108S022 TI1-ADC108S022_14 Datasheet
1Mb / 25P
ADC108S022 8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC102S021 TI1-ADC102S021_14 Datasheet
1Mb / 26P
ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC101S021 TI1-ADC101S021 Datasheet
1Mb / 23P
Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
ADC104S021 TI1-ADC104S021 Datasheet
1Mb / 27P
4-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC121S021 TI1-ADC121S021 Datasheet
1Mb / 26P
Single-Channel, 50- to 200-ksps, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com