Electronic Components Datasheet Search
  English  ▼

X  

AX88783 Datasheet(PDF) 11 Page - ASIX Electronics Corporation

Part # AX88783
Description  ASIX Multi-Port Ethernet Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88783 Datasheet(HTML) 11 Page - ASIX Electronics Corporation

Back Button AX88783 Datasheet HTML 7Page - ASIX Electronics Corporation AX88783 Datasheet HTML 8Page - ASIX Electronics Corporation AX88783 Datasheet HTML 9Page - ASIX Electronics Corporation AX88783 Datasheet HTML 10Page - ASIX Electronics Corporation AX88783 Datasheet HTML 11Page - ASIX Electronics Corporation AX88783 Datasheet HTML 12Page - ASIX Electronics Corporation AX88783 Datasheet HTML 13Page - ASIX Electronics Corporation AX88783 Datasheet HTML 14Page - ASIX Electronics Corporation AX88783 Datasheet HTML 15Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
ASIX Multi-Port Ethernet Controller
Product Introduction
6. Demo Boards
ASIX Electronics provides the AX88742/AX88783/AX88782/AX88613 demo boards for
users to evaluate the basic functions of the AX88742/AX88783/AX88782/AX88613. If you need
to purchase the AX88742/AX88783/AX88782/AX88613 demo boards, please contact ASIX's
Sales (sales@asix.com.tw) for details.
6-1. AX88742 Demo Board
The following is the picture of AX88742 demo board for your reference.
Figure 8. AX88742 Demo Board
The following are the jumper configuration table of the AX88742 demo board.
Jumper Setting
Description
(Default)
The AX88742 VCC33 power source comes from the 5V to
3.3V Voltage Regulator.
J4
The AX88742 VCC33 power source comes from the PCI
3.3V power pin directly.
Figure 9. AX88742 Demo Board Jumper Setting Table
Copyright (C) 2008-2009 Reserved by ASIX Electronics Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com