Electronic Components Datasheet Search
  English  ▼

X  

AX88783 Datasheet(PDF) 12 Page - ASIX Electronics Corporation

Part # AX88783
Description  ASIX Multi-Port Ethernet Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88783 Datasheet(HTML) 12 Page - ASIX Electronics Corporation

Back Button AX88783 Datasheet HTML 8Page - ASIX Electronics Corporation AX88783 Datasheet HTML 9Page - ASIX Electronics Corporation AX88783 Datasheet HTML 10Page - ASIX Electronics Corporation AX88783 Datasheet HTML 11Page - ASIX Electronics Corporation AX88783 Datasheet HTML 12Page - ASIX Electronics Corporation AX88783 Datasheet HTML 13Page - ASIX Electronics Corporation AX88783 Datasheet HTML 14Page - ASIX Electronics Corporation AX88783 Datasheet HTML 15Page - ASIX Electronics Corporation AX88783 Datasheet HTML 16Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
ASIX Multi-Port Ethernet Controller
Product Introduction
6-2. AX88783 SMDK2440 Demo Board
The following is the picture of AX88783 SMDK2440 demo board for your reference.
Figure 10. AX88783 SMDK2440 Demo Board
The following are the jumper configuration table of the AX88783 SMDK2440 demo board
Jumper
Setting
Description
(Default)
Pull high the INT signal. The INT signal should be
pulled high when the INT pin is set to active low.
J6 *Note1
Pull down the INT signal. The INT signal should be
pulled down when the INT pin is set to active high.
(Default)
Pull high the PME signal. The PME signal should be
pulled high when the PME pin is set to active low.
J8 *Note2
Pull down the PME signal. The PME signal should be
pulled down when the PME pin is set to active high.
(Low)
(Low)
Set to 8-bit CPU interface mode.
(Low)
(High)
Set to 16-bit CPU interface mode.
J11 (MODE1)
/J12 (MODE0)
(High)
(Low)
Set to 32-bit CPU interface mode. (Default)
Figure 11. AX88783 SMDK2440 Demo Board Jumper Setting Table
Note:
1. The J6 header is not set on AX88783 SMDK2440 demo board since the INT signal has been
pulled high on the SMDK2440 platform.
2. The J8 header is not set on AX88783 SMDK2440 demo board since the PME signal is not
supported on the SMDK2440 interface.
Copyright (C) 2008-2009 Reserved by ASIX Electronics Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com