Electronic Components Datasheet Search
  English  ▼

X  

AX88783 Datasheet(PDF) 14 Page - ASIX Electronics Corporation

Part # AX88783
Description  ASIX Multi-Port Ethernet Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88783 Datasheet(HTML) 14 Page - ASIX Electronics Corporation

Back Button AX88783 Datasheet HTML 10Page - ASIX Electronics Corporation AX88783 Datasheet HTML 11Page - ASIX Electronics Corporation AX88783 Datasheet HTML 12Page - ASIX Electronics Corporation AX88783 Datasheet HTML 13Page - ASIX Electronics Corporation AX88783 Datasheet HTML 14Page - ASIX Electronics Corporation AX88783 Datasheet HTML 15Page - ASIX Electronics Corporation AX88783 Datasheet HTML 16Page - ASIX Electronics Corporation AX88783 Datasheet HTML 17Page - ASIX Electronics Corporation AX88783 Datasheet HTML 18Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
ASIX Multi-Port Ethernet Controller
Product Introduction
6-4. AX88613 Demo Board
The following is the picture of AX88613 demo board for your reference.
Figure 14. AX88613 Demo Board
The following are the jumper configuration table of the AX88613 demo board.
Jumper
Setting
Description
JP1(1,3)
JP1(2,4)
Select EEPROM Type
Open
Open
None
Open
Short
93C46
Short
Open
93C56
JP1
Short
Short
93C66 (Default)
J2, J3
MII/Rev-MII/RMII/Rev-RMII interface connector
Open (Default)
No supply
50MHz reference clock from TX_CLK
(pin #54) to RX_CLK (pin #71)
J4
Short
Supply 50MHz reference clock from TX_CLK
(pin #54) to RX_CLK (pin #71) for RMII or
Rev-RMII mode
Open (Default)
No supply 5V power source to J3 MII interface
connector
J6
Short
Supply 5V power source to J3 MII interface
connector
Figure 15. AX88613 Demo Board Jumper Setting Table
Copyright (C) 2008-2009 Reserved by ASIX Electronics Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com