Electronic Components Datasheet Search
  English  ▼

X  

DAC7574 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7574
Description  QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7574 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC7574 Datasheet HTML 10Page - Texas Instruments DAC7574 Datasheet HTML 11Page - Texas Instruments DAC7574 Datasheet HTML 12Page - Texas Instruments DAC7574 Datasheet HTML 13Page - Texas Instruments DAC7574 Datasheet HTML 14Page - Texas Instruments DAC7574 Datasheet HTML 15Page - Texas Instruments DAC7574 Datasheet HTML 16Page - Texas Instruments DAC7574 Datasheet HTML 17Page - Texas Instruments DAC7574 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
www.ti.com
Recognize START or
REPEATED START
Condition
Recognize STOP or
REPEATED START
Condition
Generate ACKNOWLEDGE
Signal
Acknowledgement
Signal From Slave
SDA
SCL
MSB
P
Sr
Sr
or
P
S
or
Sr
START or
Repeated START
Condition
STOP or
Repeated START
Condition
Clock Line Held Low While
Interrupts are Serviced
1
2
7
8
9
ACK
1
2
3 - 8
9
ACK
Address
R/W
DAC7574
SLAS375 – JUNE 2003
Figure 34. Bus Protocol
DAC7574 I2C Update Sequence
The DAC7574 requires a start condition, a valid I2C address, a control byte, an MSB byte, and an LSB byte for a
single update. After the receipt of each byte, DAC7574 acknowledges by pulling the SDA line low during the high
period of a single clock pulse. A valid I2C address selects the DAC7574. The control byte sets the operational
mode of the selected DAC7574. Once the operational mode is selected by the control byte, DAC7574 expects an
MSB byte followed by an LSB byte for data update to occur. DAC7574 performs an update on the falling edge of
the acknowledge signal that follows the LSB byte.
Control byte needs not to be resent until a change in operational mode is required. The bits of the control byte
continuously determine the type of update performed. Thus, for the first update, DAC7574 requires a start
condition, a valid I2C address, a control byte, an MSB byte and an LSB byte. For all consecutive updates,
DAC7574 needs an MSB byte and an LSB byte as long as the control command remains the same.
Using the I2C high-speed mode (fscl= 3.4 MHz), the clock running at 3.4 MHz, each 12-bit DAC update other than
the first update can be done within 18 clock cycles (MSB byte, acknowledge signal, LSB byte, acknowledge
signal), at 188.88 KSPS. Using the fast mode (fscl= 400 kHz), clock running at 400 kHz, maximum DAC update
rate is limited to 22.22 KSPS. Once a stop condition is received DAC7574 releases the I2C bus and awaits a new
start condition.
Address Byte
MSB
LSB
1
0
0
1
1
A1
A0
R/W
The address byte is the first byte received following the START condition from the master device. The first five
bits (MSBs) of the address are factory preset to 10011. The next two bits of the address are the device select
bits A1 and A0. The A1, A0 address inputs can be connected to VDD or digital GND, or can be actively driven by
TTL/CMOS logic levels. The device address is set by the state of these pins during the power-up sequence of
the DAC7574. Up to 4 devices (DAC7574) can still be connected to the same I2C-Bus.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com