Electronic Components Datasheet Search
  English  ▼

X  

DAC7574 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7574
Description  QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7574 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC7574 Datasheet HTML 24Page - Texas Instruments DAC7574 Datasheet HTML 25Page - Texas Instruments DAC7574 Datasheet HTML 26Page - Texas Instruments DAC7574 Datasheet HTML 27Page - Texas Instruments DAC7574 Datasheet HTML 28Page - Texas Instruments DAC7574 Datasheet HTML 29Page - Texas Instruments DAC7574 Datasheet HTML 30Page - Texas Instruments DAC7574 Datasheet HTML 31Page - Texas Instruments DAC7574 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
www.ti.com
REF02
15 V
5 V
1.6 mA
VDD
SCL
SDA
I2C
Interface
VOUT = 0 V to 5 V
DAC7574
DAC7574
SLAS375 – JUNE 2003
APPLICATION INFORMATION (continued)
POWER SUPPLY REJECTION
The positive reference voltage input of DAC7574 is internally tied to the power supply pin of the device. This
increases I2C system flexibility, creating room for an extra I2C address pin in a low pin-count package. To
eliminate the supply noise appearing at the DAC output, the user must pay close attention to how DAC7574 is
powered. The supply to DAC7574 must be clean and well regulated. For best performance, use of a precision
voltage reference is recommended to supply power to DAC7574. This is equivalent to providing a precision
external reference to the device. Due to low power consumption of DAC7574, load regulation errors are
negligible. In order to avoid excess power consumption at the Schmitt-triggered inputs of DAC7574, the precision
reference voltage should be close to the I2C bus pullup voltage. For 3-V, 3.3-V and 5-V I2C bus pullup voltages,
REF2930, REF2933 and REF02 precision voltage references are recommended respectively. These precision
voltage references can be used to supply power for multiple devices on a system.
USING REF02 AS A POWER SUPPLY FOR DAC7574
Due to the extremely low supply current required by the DAC7574, a possible configuration is to use a REF02
+5 V precision voltage reference to supply the required voltage to the DAC7574’s supply input as well as the
reference input, as shown in Figure 42. This is especially useful if the power supply is quite noisy or if the system
supply voltages are at some value other than 5 V. The REF02 outputs a steady supply voltage for the DAC7574.
If the REF02 is used, the current it needs to supply to the DAC7574 is 600 µA typical and 900 µA max for
VDD = 5 V. When a DAC output is loaded, the REF02 also needs to supply the current to the load. The total
typical current required (with a 5-k
Ω load on a single DAC output) is:
600 µA + (5 V / 5 k
Ω) = 1.6 mA
The load regulation of the REF02 is typically 0.005%/mA, which results in an error of 400µV for 1.6-mA of current
drawn from it. This corresponds to a 0.33 LSB error for a 0 V to 5 V output range.
Figure 42. REF02 Power Supply
LAYOUT
A precision analog component requires careful layout, adequate bypassing, and clean, well-regulated power
supplies.
The power applied to VDD should be well-regulated and low noise. Switching power supplies and dc/dc
converters often have high-frequency glitches or spikes riding on the output voltage. In addition, digital
components can create similar high-frequency spikes as their internal logic switches states. This noise can easily
couple into the DAC output voltage through various paths between the power connections and analog output.
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com