Electronic Components Datasheet Search
  English  ▼

X  

DAC7574 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7574
Description  QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7574 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC7574 Datasheet HTML 13Page - Texas Instruments DAC7574 Datasheet HTML 14Page - Texas Instruments DAC7574 Datasheet HTML 15Page - Texas Instruments DAC7574 Datasheet HTML 16Page - Texas Instruments DAC7574 Datasheet HTML 17Page - Texas Instruments DAC7574 Datasheet HTML 18Page - Texas Instruments DAC7574 Datasheet HTML 19Page - Texas Instruments DAC7574 Datasheet HTML 20Page - Texas Instruments DAC7574 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
www.ti.com
SLAVE ADDRESS R/W
A Ctrl-Byte
A MS-Byte A
LS-Byte
A/A
P
”0” (write)
Data Transferred
(n* Words + Acknowledge)
Word = 12 Bit
From Master to DAC7574
From DAC7574 to Master
A = Acknowledge (SDA LOW)
A = Not Acknowledge (SDA HIGH)
S = START Condition
Sr = Repeated START Condition
P = STOP Condition
DAC7574 I2C-SLAVE ADDRESS:
1
0
0
1
1
A1
A0
R/W
MSB
LSB
Factory Preset
A0 = I2C Address Pin
A1 = I2C Address Pin
S
‘0’ = Write to DAC7574
‘1’ = Read from DAC7574
DAC7574
SLAS375 – JUNE 2003
LDAC Functionality
Depending on the control byte, DACs are synchronously updated on the falling edge of the acknowledge signal
that follows LS byte. The LDAC pin is required only when an external timing signal is used to update all the
channels of the DAC asynchronously. LDAC is a positive edge triggered asynchronous input that allows four
DAC output voltages to be updated simultaneously with temporary register data. The LDAC trigger should only
be used after the buffers temporary registers are properly updated through software.
DAC7574 Registers
Table 3. DAC7574 Architecture Register Descriptions
Register
Description
CTRL[7:0]
Stores 8-bit wide control byte sent by the master
Stores the 8 most significant bits of unsigned binary data sent by the master. Can also store 2-bit
MSB[7:0]
power-down data.
LSB[7:0]
Stores the 4 least significant bits of unsigned binary data sent by the master.
TRA[13:0], TRB[13:0],
14-bit temporary storage registers assigned to each channel. Two MSBs store power-down information, 12
TRC[13:0], TRD[13:0]
LSBs store data.
DRA[13:0], DRB[13:0],
14-bit DAC registers for each channel. Two MSBs store power-down information, 12 LSBs store DAC data.
DRC[13:0], DRD[13:0]
An update of this register means a DAC update with data or power-down.
DAC7574 as a Slave Receiver - Standard and Fast Mode
Figure 35 shows the standard and fast mode master transmitter addressing a DAC7574 Slave Receiver with a
7-bit address.
Figure 35. Standard and Fast Mode: Slave Receiver
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com