Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC3282 Datasheet HTML 7Page - Texas Instruments DAC3282 Datasheet HTML 8Page - Texas Instruments DAC3282 Datasheet HTML 9Page - Texas Instruments DAC3282 Datasheet HTML 10Page - Texas Instruments DAC3282 Datasheet HTML 11Page - Texas Instruments DAC3282 Datasheet HTML 12Page - Texas Instruments DAC3282 Datasheet HTML 13Page - Texas Instruments DAC3282 Datasheet HTML 14Page - Texas Instruments DAC3282 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
GC5330
GC5337
www.ti.com
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
Pin Functions
NAME
NUMBER
TYPE
DESCRIPTION
POWER AND BIASING
VDD
E6, E7, E8, E9, E10, E11, E12, E13, E14, E15, E16, F9,
PWR
1.1-V power supply
F11, F13, F15, F18, G18, H5, J5, J18, L18, N5, N18, P18,
R5, T18, U5, U8, U10, U12, U14, U15, U18, V7, V8, V9,
V10, V11, V12, V13, V14, V15, V16
VDDSHV2
U9, U11, U13
PWR
3.3-V power supply for CMOS I/O
VDDSHV1
F8, F10, F12, F14
PWR
3.3-V power supply for CMOS I/O
VDDS1
F16, H18, K18, M18, R18, U16,
PWR
1.8-V power supply for LVDS I/O
VDDS2
F7, G5, K5, M5, U7
PWR
1.8-V power supply for LVDS I/O
VPP
W8, W10
PWR
1.1-V E-fuse supply, connect to VDD
VDDMON
Y8
NC
Do not connect, internal monitor point
VSSMON
AA8
NC
Do not connect, internal monitor point
VDDA2
B17
PWR
1.8-V power for PLL (requires filtering)
VDDA1
D5
PWR
1.8-V power for PLL (requires filtering)
VSSA2
A16
PWR
Ground for PLL (requires filtering)
VSSA1
C5
PWR
Ground for PLL (requires filtering)
VSS
D8, D10, D12, D14, G6, G7. G8, G9, G10, G11, G12, G13,
PWR
Ground
G14, G15, G16, G17, H6, H7, H8, H9, H10, H11, H12, H13,
H14, H15, H16, H17, J6, J7, J8, J9,J10, J11, J12, J13, J14,
J15, J16, J17, K6, K7, K8, K9, K10, K11, K12, K13, K14,
K15, K16, K17, L6, L7, L8, L9, L10, L11, L12, L13, L14,
L15, L16, L17, M6, M7, M8, M9, M10, M11, M12, M13, M14,
M15, M16, M17, N6, N7, N8, N9, N10, N11, N12, N13, N14,
N15, N16, N17, P6, P7, P8, P9, P10, P11, P12, P13, P14,
P15, P16, P17, R6, R7, R8, R9, R10, R11, R12, R13, R14,
R15, R16, R17, T6, T7, T8, T9, T10, T11, T12, T13, T14,
T15, T16, T17,W9, W11, W13
NC
E17, E18, F6, F17, U6, U17, V5, V6, V17, V18
NC
No connection. Recommend connecting to ground
NC
A1, A22, D1, D4, W3, W18, AA22, AB1, AB5, AB22,
NC
No connection
BASEBAND INPUT/OUTPUT
BBIN[11:0]P
E4, E2, D3, C2, B2, C3, A2, A3, A4, C6, A5, C7
I
Baseband input
– LVDS positive
BBIN[11:0]N
E5, E3, D2, C1, B1, C4, B3, B4, B5, D6, B6, D7
I
Baseband input
– LVDS negative
BBOUT[11:0]P
L4, K2, K4, J2, J4, H2, H4, G2, G4, F3, F5, E1
O
Baseband output
– LVDS positive
BBOUT[11:0]N
L5, K1, K3, J1, J3, H1, H3, G1, G3, F2, F4, F1
O
Baseband output
– LVDS negative
TX DAC INTERFACE
TXA[19:0]P
K20, K22, J19, J22, H19, H22, G19, G21, F20, F22, D22,
O
DAC TX port A
– LVDS positive
E21, E20, E19, C22, C20, C19, A21, B20, C18
TXA[19:0]N
K19, K21, J20, J21, H20, H21, G20, G22, F19, F21, E22,
O
DAC TX port A
– LVDS negative
D21, D20, D19, B22, C21, D18, B21, A20, B19
TXB[19:0]P
Y20, Y22, W19, W21, V19, V22, U19, U21, T19, T21, R19,
O
DAC TX port B
– LVDS positive
R21, P19, P21, N19, N21, M19, M21, L19, L21
TXB[19:0]N
Y19, Y21, W20, W22, V20, V21, U20, U22, T20, T22, R20,
O
DAC TX port B
– LVDS negative
R22, P20, P22, N20, N22, M20, M22, L20, L22
RX and FB ADC INTERFACE
RXA[14:0]P
L3, L1, M2, M4, N2, N4, P3, P5, R2, R4, U1, T3, T5, U2, U4
I
ADC receive port A
– LVDS positive
RXA[14:0]N
L2, M1, N1, M3, P1, N3, P2, P4, R1, R3, T1, T2, T4, V1, U3
I
ADC receive port A
– LVDS negative
RXB[14:0]P
W1, W2, AA1, AA2, V4, AA3, Y4, AB4, W4, Y5, W6, AA6,
I
ADC receive port B
– LVDS positive
W7, AB7, AB8
RXB[14:0]N
V2, Y1, Y2, AB2, V3, AB3, Y3, AA4, W5, AA5, Y6, AB6, Y7,
I
ADC receive port B
– LVDS negative
AA7, AB9
RXC[7:0]P
AB17, Y16, AA17, Y18, AA18, AA20, AB20, AB21
I
ADC receive port C
– LVDS positive
RXC[7:0]N
AA16, W16, Y17, W17, AB18, AA19, AB19, AA21
I
ADC receive port C
– LVDS negative
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com