Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC3282 Datasheet HTML 18Page - Texas Instruments DAC3282 Datasheet HTML 19Page - Texas Instruments DAC3282 Datasheet HTML 20Page - Texas Instruments DAC3282 Datasheet HTML 21Page - Texas Instruments DAC3282 Datasheet HTML 22Page - Texas Instruments DAC3282 Datasheet HTML 23Page - Texas Instruments DAC3282 Datasheet HTML 24Page - Texas Instruments DAC3282 Datasheet HTML 25Page - Texas Instruments DAC3282 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
GC5330
GC5337
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
www.ti.com
Table 6. GC533x ADC Interface Pin Map
58c48 42x9
58b18 5517
GC533x
64p4x
5463 5444
4149 61B49
548x 6145
5400L
5400R
642x 644x
527x 528x
Two 624x
Pin Name
62p4x
5474
5547
62c15
RXA0
0
0
0
[12](1)
syncout
[istrobe]
RXA1
2
2
1
11
0
RXA2
4
4
2
10
1
d1
b1
RXA3
6
0
6
3
9
2
d0
b0
RXA4
8
2
8
4
8
3
c1
f
RXA5
10
4
10
5
7
4
c0
c0
a1
RXA6
12
6
12
6
6
5
frame
c1
a0
RXA7
clk
clk
clk
7
clk
clk
clk
clk
clk
RXA8
[14]
8
0
8
5
6
b1
c2
RXA9
10
2
9
4
7
b0
c3
b1
RXA10
12
4
10
3
8
a1
c4
b0
RXA11
14
6
11
2
9
a0
c5
f
RXA12
8
12
1
10
c6
a1
RXA13
10
13
0
11
c7
a0
RXA14
[istrobe]
[istrobe]
12
clk
syncout
[12]
fr
clk
RXB0
0
0
0
[12]
syncout
RXB1
2
2
1
11
0
RXB2
4
4
2
10
1
RXB3
6
0
6
3
9
2
RXB4
8
2
8
4
8
3
RXB5
10
4
10
5
7
4
RXB6
12
6
12
6
6
5
RXB7
clk
clk
clk
7
clk
clk
RXB8
[14]
8
0
8
5
6
RXB9
10
2
9
4
7
RXB10
12
4
10
3
8
RXB11
14
6
11
2
9
RXB12
8
12
1
10
RXB13
10
13
0
11
RXB14
[istrobe]
[istrobe]
12
clk
syncout
[12]
RXC0
0
RXC1
2
RXC2
4
RXC3
6
RXC4
8
RXC5
10
RXC6
12
RXC7
clk
(1)
[ ] indicates assignment if pins available
Feedback Processing
The feedback path is input to RXC as a real ADC. This is captured in the capture buffer and sent to the DSP. In
cases where a higher-rate real ADC (
>250 Msps) or a complex feedback path is desired, for better feedback
performance, one of the RX ADC inputs can be used for the feedback path, and one RX ADC input is used for
the RX path. Note: both RX downconverters can still be used for the RX path, or one can be used for feedback.
22
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com