Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 30 Page - Texas Instruments

Back Button DAC3282 Datasheet HTML 26Page - Texas Instruments DAC3282 Datasheet HTML 27Page - Texas Instruments DAC3282 Datasheet HTML 28Page - Texas Instruments DAC3282 Datasheet HTML 29Page - Texas Instruments DAC3282 Datasheet HTML 30Page - Texas Instruments DAC3282 Datasheet HTML 31Page - Texas Instruments DAC3282 Datasheet HTML 32Page - Texas Instruments DAC3282 Datasheet HTML 33Page - Texas Instruments DAC3282 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
GC5330
GC5337
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
www.ti.com
Programmable trigger actions for alarm1:
(0) No action
(1) Reduce gain of DPD output by programmable scale factor (programmed with
stream[n].gain_reduce), only if alarm caused by y(k)
> high_threshold and alm_polarit = 0 or 2.
The gain reduction is applied at the CFR input. A control signal from the capture buffer block is
used to select the programmed gain value for the multiplier at the CFR input. When the host
resets this alarm by writing to the appropriate register, the control signal returns to 0 (state that is
not selecting the programmed gain value).
GENERAL SPECIFICATIONS
General Electrical Characteristics
This section describes the electrical characteristics for the CMOS interfaces (DVGA, MPU, JTAG, SPI,
TESTMOD, RESETB and INTERRPT) and LVDS interfaces (BBIN, BBOUT, TXA, TXB, RXA, RXB, RXC, SYNC,
DPDCLK) over recommended operating conditions (unless otherwise noted).
Table 9. General Electrical Characteristics, CMOS Interface
PARAMETER
TEST CONDITIONS
MIN NOM
MAX
UNIT
VIL
Voltage input low
See (1)
0.8
V
VIH
Voltage input high
See (1)
2
VDDSHV
V
VOL
Voltage output low
IOL = 2 mA
(1)
0.5
V
VOH
Voltage output high
IOH = –2 mA)
(1)
2.4
VDDSHV
V
|IPU|
Pullup current
VIN = 0 V
(1)
30
100
250
µA
|IPD|
Pulldown current
VIN = VDDSHV
(1)
30
100
250
µA
|IIN|
Leakage current
VIN = 0 or VDDSHV
(1) (2)
20
µA
(1)
Chip specifications are production tested at 90
°C case temperature for the given specification. Early production lots are sample tested
at
–40°C.
(2)
For inputs with no pullup or pulldown, inputs with pullup and VIN = VDDSHV, inputs with pulldown and VIN = 0, and bidirectionals in input
mode in either state.
Table 10. General Electrical Characteristics, LVDS Interfaces
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VICM
Input common mode voltage (VP – VN)/2
See (1)
700
1500
mV
|VP – VN|
Input differential voltage
See (1)
150
700
mV
RIN
Input differential impedance
See (1)
80
92
120
Ω
VCOM
Output common-mode voltage
See (2)
1125
1200
1275
mV
VOD
Ouput differential voltage
See (1)
250
500
mV
(1)
Chip specifications are production tested at 90
°C case temperature for the given specification. Early production lots are sample tested
at
–40°C.
(2)
Characteristics are determined by design.
General Switching Characteristics
The baseband interface TX has a single DDR interface input mode. The customer logic and trace routing must
meet the listed tsu and th input timing.
30
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com