Electronic Components Datasheet Search
  English  ▼

X  

IR3537 Datasheet(PDF) 4 Page - International Rectifier

Part # IR3537
Description  12V High Performance Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3537 Datasheet(HTML) 4 Page - International Rectifier

  IR3537 Datasheet HTML 1Page - International Rectifier IR3537 Datasheet HTML 2Page - International Rectifier IR3537 Datasheet HTML 3Page - International Rectifier IR3537 Datasheet HTML 4Page - International Rectifier IR3537 Datasheet HTML 5Page - International Rectifier IR3537 Datasheet HTML 6Page - International Rectifier IR3537 Datasheet HTML 7Page - International Rectifier IR3537 Datasheet HTML 8Page - International Rectifier IR3537 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
September 17, 2012 | FINAL | V1.11
4
IR3537
CHL8510
12V High Performance Gate Driver
TYPICAL APPLICATIONS BLOCK DIAGRAMS
+3.3V
V_CPU
3
28
36
4
5
7
8
16
11
25
CHL8316
12
17
18
19
20
21
22
23
24
9
30
31
34
39
32
33
VINSEN
PWM4
PWM5
PWM3
PWM 2
PWM1
ISEN5
VID5
VID6
VID1
VID3
VID4
VID2
VID0
VID7
IMON
VR_READY
VCPU
PSI#
VCC
RRES
EN
V18A
VRTN
IRTN3
ISEN4
2
1
47
IRTN1
RCSP
IRTN2
RCSM
ISEN3
ISEN2
ISEN1
IRTN4
+12V
From
System
L
O
A
D
VRTN
R_IMON
C_IMON
RCS
CCS
Rseries
Rseries
RTh
RVIN_1
RVIN_2
45
46
43
44
41
42
IRTN5
PWM6
ISEN6
IRTN6
40
35
37
38
26
VR_HOT
TSEN
RTh2
6 SADDR/
GAMER_OFF
13
SALERT#
+3.3V
14
15
SCL
SDA
10
GND
29
NC
48
HVCC
LO_GATE
HI_GATE
Vcc
GND
PWM
LVCC
12V
BOOT
SWITCH
V_VGD
CHL8510
12V
V_VGD
12V
V_VGD
12V
V_VGD
12V
V_VGD
12V
V_VGD
12V
V_VGD
27
VAR_GATE
To
CPU
To
CPU
Optional Variable
Gate Drive Circuit
MODE
HVCC
LO_GATE
HI_GATE
Vcc
GND
PWM
LVCC
BOOT
SWITCH
MODE
HVCC
LO_GATE
HI_GATE
Vcc
GND
PWM
LVCC
BOOT
SWITCH
MODE
HVCC
LO_GATE
HI_GATE
Vcc
GND
PWM
LVCC
BOOT
SWITCH
MODE
HVCC
LO_GATE
HI_GATE
Vcc
GND
PWM
LVCC
BOOT
SWITCH
MODE
HVCC
LO_GATE
HI_GATE
Vcc
GND
PWM
LVCC
BOOT
SWITCH
MODE
HVCC
LO_GATE
HI_GATE
Vcc
GND
PWM
LVCC
BOOT
SWITCH
MODE
CHL8510
CHL8510
CHL8510
CHL8510
CHL8510
CHL8510
Figure 4: 6-Phase Voltage Regulator using IR3537/CHL8510 MOSFET drivers & CHL8316 Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com