Electronic Components Datasheet Search
  English  ▼

X  

IR3537 Datasheet(PDF) 13 Page - International Rectifier

Part # IR3537
Description  12V High Performance Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3537 Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3537 Datasheet HTML 7Page - International Rectifier IR3537 Datasheet HTML 8Page - International Rectifier IR3537 Datasheet HTML 9Page - International Rectifier IR3537 Datasheet HTML 10Page - International Rectifier IR3537 Datasheet HTML 11Page - International Rectifier IR3537 Datasheet HTML 12Page - International Rectifier IR3537 Datasheet HTML 13Page - International Rectifier IR3537 Datasheet HTML 14Page - International Rectifier IR3537 Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
September 17, 2012 | FINAL | V1.11
13
IR3537
CHL8510
12V High Performance Gate Driver
MARKING INFORMATION
Figure 8: Marking Information for CHL8510
Figure 9: Marking Information for IR3537
8510
ZZZ-XX
AYYWW
PART #
LOT & WAFER CODE
ASSEMBLER/DATE CODE
PIN 1
3537
YWLCX
PIN 1
PART #
DATE/LOT/MARKING CODE
A
ASSEMBLY SITE CODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com