Electronic Components Datasheet Search
  English  ▼

X  

IR3823 Datasheet(PDF) 34 Page - International Rectifier

Part # IR3823
Description  3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3823 Datasheet(HTML) 34 Page - International Rectifier

Back Button IR3823 Datasheet HTML 30Page - International Rectifier IR3823 Datasheet HTML 31Page - International Rectifier IR3823 Datasheet HTML 32Page - International Rectifier IR3823 Datasheet HTML 33Page - International Rectifier IR3823 Datasheet HTML 34Page - International Rectifier IR3823 Datasheet HTML 35Page - International Rectifier IR3823 Datasheet HTML 36Page - International Rectifier IR3823 Datasheet HTML 37Page - International Rectifier IR3823 Datasheet HTML 38Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
IR3823
34
www.irf.com
© 2012 International Rectifier
August 1, 2013
LAYOUT RECOMMENDATIONS
The layout is very important when designing high
frequency switching converters. Layout will affect
noise pickup and can cause a good design to
perform with worse than expected results.
Make the connections for the power components in
the top layer with wide, copper filled areas or
polygons. In general, it is desirable to make proper
use of power planes and polygons for power
distribution and heat dissipation.
The inductor, output capacitors and the IR3823
should be as close to each other as possible. This
helps to reduce the EMI radiated by the power
traces due to the high switching currents through
them. Place the input capacitor directly at the PVin
pin of IR3823.
The feedback part of the system should be kept
away from the inductor and other noise sources.
The critical bypass components such as capacitors
for Vin and VCC should be close to their respective
pins. It is important to place the feedback
components
including feedback
resistors
and
compensation components close to Fb and Comp
pins.
In a multilayer PCB use one layer as a power
ground plane and have a control circuit ground
(analog ground), to which all signals are referenced.
The goal is to localize the high current path to a
separate loop that does not interfere with the more
sensitive analog control function. These two grounds
must be connected together on the PC board layout
at a single point. It is recommended to place all
the compensation parts over the analog ground
plane in top layer.
The Power QFN is a thermally enhanced package.
Based on thermal performance it is recommended to
use at least a 4-layers PCB. To effectively remove
heat from the device the exposed pad should be
connected to the ground plane using via holes.
Figure 41-Figure 44 illustrates the implementation of
the layout guidelines outlined above, on the
IRDC3823 4-layer demo board.
Figure 41: IRDC3823 Demo Board – Top Layer
PVin
PGnd
AGnd
Vout
Compensation parts
should be placed
as close as possible
to the Comp pin  
 
Resistor Rt should be
placed as close as
possible to their pins
Allow enough copper &
minimum ground length
path between Input and
Output 
 
 
 
SW node copper is
kept only at the top
layer to minimize
the switching noise
All bypass caps
should be placed
as close as possible
to their connecting pins
 
Single point connection
between AGND &
PGND, should be close
to the SupIRBuck and
kept away from noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com