Electronic Components Datasheet Search
  English  ▼

X  

IR3823 Datasheet(PDF) 11 Page - International Rectifier

Part # IR3823
Description  3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3823 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3823 Datasheet HTML 7Page - International Rectifier IR3823 Datasheet HTML 8Page - International Rectifier IR3823 Datasheet HTML 9Page - International Rectifier IR3823 Datasheet HTML 10Page - International Rectifier IR3823 Datasheet HTML 11Page - International Rectifier IR3823 Datasheet HTML 12Page - International Rectifier IR3823 Datasheet HTML 13Page - International Rectifier IR3823 Datasheet HTML 14Page - International Rectifier IR3823 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
IR3823
11
www.irf.com
© 2012 International Rectifier
August 1, 2013
TYPICAL EFFICIENCY AND POWER LOSS CURVES
 
PVin = 12V, Vin=VCC= External 5V, IO = 0A-3A, FS = 1000 kHz, Room Temperature, No Air Flow. Note that the efficiency and
power loss curves include the losses of IR3823, the inductor losses and the losses of the input and output capacitors. The
table below shows the inductors used for each of the output voltages in the efficiency measurement.
VOUT (V)
FS (kHz)
LOUT (µH)
P/N
DCR (mΩ)
SIZE (mm)
1.0
1000
1.0
XFL4020-102ME (Coilcraft)
10.8
4.0x4.0x2.1
1.2
1000
1.0
XFL4020-102ME (Coilcraft)
10.8
4.0x4.0x2.1
1.8
1000
1.2
PIMB053T-1R2MS-39 (Cyntec)
15
4.9x5.2x3.0
3.3
1000
2.2
XAL5030-222ME (Coilcraft)
13.2
5.28x5.48x3.1
5
1000
2.2
XAL5030-222ME (Coilcraft)
13.2
5.28x5.48x3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com