Electronic Components Datasheet Search
  English  ▼

X  

IR3823 Datasheet(PDF) 39 Page - International Rectifier

Part # IR3823
Description  3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3823 Datasheet(HTML) 39 Page - International Rectifier

Back Button IR3823 Datasheet HTML 33Page - International Rectifier IR3823 Datasheet HTML 34Page - International Rectifier IR3823 Datasheet HTML 35Page - International Rectifier IR3823 Datasheet HTML 36Page - International Rectifier IR3823 Datasheet HTML 37Page - International Rectifier IR3823 Datasheet HTML 38Page - International Rectifier IR3823 Datasheet HTML 39Page - International Rectifier IR3823 Datasheet HTML 40Page - International Rectifier IR3823 Datasheet HTML 41Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
IR3823
39
www.irf.com
© 2012 International Rectifier
August 1, 2013
STENCIL DESIGN
Stencils for PQFN can be used with thicknesses of
0.100-0.250mm (0.004-0.010"). Stencils thinner than
0.100mm are unsuitable because they deposit
insufficient solder paste to make good solder joints
with the ground pad; high reductions sometimes
create similar problems. Stencils in the range of
0.125mm-0.200mm (0.005-0.008"), with suitable
reductions, give the best results.
Evaluations have shown that the best overall
performance is achieved using the stencil design
shown in following figure. This design is for a stencil
thickness of 0.127mm (0.005"). The reduction
should
be
adjusted
for
stencils
of other thicknesses.
Figure 47: Stencil Pad Spacing (all dimensions in mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com