Electronic Components Datasheet Search
  English  ▼

X  

MCR03EZPFX1002 Datasheet(PDF) 17 Page - International Rectifier

Part # MCR03EZPFX1002
Description  HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX1002 Datasheet(HTML) 17 Page - International Rectifier

Back Button MCR03EZPFX1002 Datasheet HTML 13Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 14Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 15Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 16Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 17Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 18Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 19Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 20Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Rev 13.0
17
PD-97659
IR3842WMPbF
Minimum on time Considerations
The minimum ON time is the shortest amount of
time for which the Control FET may be reliably
turned on, and this depends on the internal
timing delays. For the IR3842W, the typical
minimum on-time is specified as 50 ns.
Any design or application using the IR3842W
must ensure operation with a pulse width that is
higher than this minimum on-time and preferably
higher than 100 ns. This is necessary for the
circuit to operate without jitter and pulse-
skipping, which can cause high inductor current
ripple and high output voltage ripple.
In any application that uses the IR3842W, the
following condition must be satisfied:
The minimum output voltage is limited by the
reference voltage and hence V
out(min) = 0.7 V.
Therefore, for V
out(min) = 0.7 V,
Therefore, at the maximum recommended input
voltage 16V and minimum output voltage, the
converter should be designed at a switching
frequency that does not exceed 440 kHz.
Conversely, for operation at the maximum
recommended operating frequency 1.65 MHz
and minimum output voltage, any voltage above
4.2 V may not be stepped down without pulse-
skipping.
V/s
ns
100
V
0.7
V
V
in
(min)
(min)
in
6
10
7
×
=
≤
×
∴
≤
×
∴
s
on
out
s
F
t
V
F
Maximum Duty Ratio Considerations
A fixed off-time of 200 ns maximum is specified
for the IR3842W. This provides an upper limit on
the operating duty ratio at any given switching
frequency. It is clear that, higher the switching
frequency, the lower is the maximum duty ratio at
which the IR3842W can operate. To allow a
margin of 50 ns, the maximum operating duty
ratio in any application using the IR3842W
should still accommodate about 250 ns off-time.
Fig 10. shows a plot of the maximum duty ratio
v/s the switching frequency, with 250 ns off-time.
s
out
s
on
F
V
F
D
t
Vin ×
=
=
(min)
(min)
(min)
on
out
s
in
s
in
out
on
on
on
t
V
F
V
F
V
V
t
t
t
≤
×
∴
×
≤
∴
≤
Fig. 10. Maximum duty cycle v/s switching
frequency.
M ax Duty Cycle
55
60
65
70
75
80
85
90
95
250
450
650
850
1050
1250
1450
1650
Sw itching Frequency (kH z )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com