Electronic Components Datasheet Search
  English  ▼

X  

MCR03EZPFX1002 Datasheet(PDF) 19 Page - International Rectifier

Part # MCR03EZPFX1002
Description  HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX1002 Datasheet(HTML) 19 Page - International Rectifier

Back Button MCR03EZPFX1002 Datasheet HTML 15Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 16Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 17Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 18Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 19Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 20Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 21Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 22Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 23Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Rev 13.0
19
PD-97659
IR3842WMPbF
Inductor Selection
The inductor is selected based on output power,
operating frequency and efficiency requirements.
A low inductor value causes large ripple current,
resulting in the smaller size, faster response to a
load transient but poor efficiency and high output
noise. Generally, the selection of the inductor
value can be reduced to the desired maximum
ripple current in the inductor
. The optimum
point is usually found between 20% and 50%
ripple of the output current.
For the buck converter, the inductor value for the
desired
operating
ripple
current
can
be
determined using the following relation:
Where:
If
Δi ≈ 40%(I
o), then the output inductor is
calculated to be 1.59μH. Select L=1.5 μH.
The
MPO104-1R5
from
Delta provides
a
compact, low profile inductor suitable for this
application
.
the voltage Vc across C6 remains approximately
unchanged and the voltage at the Boot pin
becomes
A bootstrap capacitor of value 0.1uF is suitable
for most applications.
Input Capacitor Selection
The ripple current generated during the on time of
the upper MOSFET should be provided by the
input capacitor. The RMS value of this ripple is
expressed by:
Where:
D is the Duty Cycle
I
RMS is the RMS value of the input capacitor
current.
Io is the output current.
For I
o=4A and D = 0.15, the IRMS = 1.43 A.
Ceramic capacitors are recommended due to
their peak current capabilities. They also feature
low ESR and ESL at higher frequency which
enables better efficiency. For this application, it is
advisable to have 2x10uF 25V ceramic capacitors
C3216X5R1E106M from TDK. In addition to
these, although not mandatory, a 1X330uF, 25V
SMD capacitor EEV-FK1E331P may also be
used as a bulk capacitor and is recommended if
the input power supply is not located close to the
converter.
....(12)
..........
..........
)
( D
D
I
I
o
RMS
−
∗
∗
=
1
(13)
..
..........
..........
..........
in
o
V
V
D
=
)
( i
Δ
cycle
Duty
time
on
Turn
frequency
Switching
current
ripple
Inductor
Voltage
Output
voltage
input
Maximum
=
=
=
=
=
=
D
Δt
F
Δi
V
V
s
o
in
()
(14)
.
..........
..........
..........
*
;
s
in
o
o
in
s
o
in
F
i
V
V
V
V
L
F
D
t
t
i
L
V
V
Δ
∗
∗
−
=
∗
=
Δ
Δ
Δ
∗
=
−
1
Fig. 12. Bootstrap circuit to generate
Vc voltage
(11)
..........
..........
..........
..........
D
cc
in
Boot
V
V
V
V
−
+
≅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com