Electronic Components Datasheet Search
  English  ▼

X  

MCR03EZPFX1002 Datasheet(PDF) 20 Page - International Rectifier

Part # MCR03EZPFX1002
Description  HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX1002 Datasheet(HTML) 20 Page - International Rectifier

Back Button MCR03EZPFX1002 Datasheet HTML 16Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 17Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 18Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 19Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 20Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 21Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 22Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 23Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Rev 13.0
20
PD-97659
IR3842WMPbF
Phase
00
F
LC
-1800
Frequency
Gain
F
LC
0 dB
Frequency
-40dB/decade
(15)
.....
..........
..........
current
ripple
Inductor
ripple
voltage
Output
*
*
*
*
)
(
)
(
)
(
)
(
)
(
)
(
=
Δ
=
Δ
Δ
=
Δ
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
Δ
Δ
=
Δ
Δ
+
Δ
+
Δ
=
Δ
L
o
s
o
L
C
o
o
in
ESL
o
L
ESR
o
C
o
ESL
o
ESR
o
o
I
V
F
C
I
V
ESL
L
V
V
V
ESR
I
V
V
V
V
V
8
Since the output capacitor has a major role in the
overall performance of the converter and
determines the result of transient response,
selection of the capacitor is critical. The
IR3842W can perform well with all types of
capacitors.
As a rule, the capacitor must have low enough
ESR to meet output ripple and load transient
requirements.
The goal for this design is to meet the voltage
ripple requirement in the smallest possible
capacitor size. Therefore it is advisable to select
ceramic capacitors due to their low ESR and ESL
and small size. Four of the Panasonic ECJ-
2FB0J226ML (22uF, 6.3V, 3mOhm) capacitors is
a good choice.
Feedback Compensation
The IR3842W is a voltage mode controller. The
control loop is a single voltage feedback path
including error amplifier and error comparator. To
achieve fast transient response and accurate
output regulation, a compensation circuit is
necessary. The goal of the compensation
network is to provide a closed-loop transfer
function with the highest 0 dB crossing frequency
and adequate phase margin (greater than 45o).
The output LC filter introduces a double pole,
–40dB/decade gain slope above its corner
resonant frequency, and a total phase lag of 180o
(see figure 13). The resonant frequency of the LC
filter is expressed as follows:
Figure 13 shows gain and phase of the LC filter.
Since we already have 180o phase shift from the
output filter alone, the system runs the risk of
being unstable.
The IR3842W uses a voltage-type error amplifier
with high-gain (110dB) and wide-bandwidth. The
output of the amplifier is available for DC gain
control and AC phase compensation.
The error amplifier can be compensated either in
type II or type III compensation.
Local feedback with Type II compensation is
shown in Fig. 14.
This method requires that the output capacitor
should have enough ESR to satisfy stability
requirements. In general the output capacitor’s
ESR generates a zero typically at 5kHz to 50kHz
which is essential for an acceptable phase
margin.
The ESR zero of the output capacitor is
expressed as follows:
(16)
..
..........
..........
..........
o
o
LC
C
L
F
∗
∗
=
π
2
1
Fig. 13. Gain and Phase of LC filter
(17)
.......
..........
..........
o
ESR
*ESR*C
F
π
∗
=
2
1
Output Capacitor Selection
The voltage ripple and transient requirements
determine the output capacitors type and values.
The criteria is normally based on the value of the
Effective Series Resistance (ESR). However the
actual capacitance value and the Equivalent Series
Inductance
(ESL)
are
other
contributing
components. These components can be described
as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com