Electronic Components Datasheet Search
  English  ▼

X  

BA4510FE2 Datasheet(PDF) 13 Page - Rohm

Part # BA4510FE2
Description  Low Noise Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4510FE2 Datasheet(HTML) 13 Page - Rohm

Back Button BA4510FE2 Datasheet HTML 9Page - Rohm BA4510FE2 Datasheet HTML 10Page - Rohm BA4510FE2 Datasheet HTML 11Page - Rohm BA4510FE2 Datasheet HTML 12Page - Rohm BA4510FE2 Datasheet HTML 13Page - Rohm BA4510FE2 Datasheet HTML 14Page - Rohm BA4510FE2 Datasheet HTML 15Page - Rohm BA4510FE2 Datasheet HTML 16Page - Rohm BA4510FE2 Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200080-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
13/19
7.NOV.2012 Rev.001
TSZ22111・15・00
BA4510xxx
Switch Condition for Test Circuit 2
SW No.
SW1 SW2 SW3 SW4 SW5 SW6 SW7 SW8 SW9 SW10 SW11 SW12 SW13 SW14
Supply Current
OFF
OFF
OFF
ON
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
Maximum Output Voltage(High)
OFF
OFF
ON
OFF
OFF
ON
OFF
OFF
ON
OFF
OFF
OFF
ON
OFF
Maximum Output Voltage(Low)
OFF
OFF
ON
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
Output Source Current
OFF
OFF
ON
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
OFF
ON
Output Sink Current
OFF
OFF
ON
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
OFF
ON
Slew Rate
OFF
OFF
OFF
ON
OFF
OFF
OFF
ON
ON
ON
OFF
OFF
OFF
OFF
Gain Bandwidth Product
OFF
ON
OFF
OFF
ON
ON
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
Equivalent Input Noise Voltage
ON
OFF
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
Figure 26. Test Circuit 2 (each Op-Amp)
VH
VL
Time
t
Input voltage
VH
VL
Δt
ΔV
Time
SR=
ΔV/Δt
t
Output voltage
Figure 27. Slew Rate Input Waveform
SW1
SW2
SW3
-
+
SW10
SW11
SW12
A
VIN-
VIN+
RL
VCC
VEE
SW9
~
~
SW6
SW7
SW8
~
CL
SW13
SW14
A
V
VOUT
RS
SW5
SW4
V
R1
R2
C
90%
10%
Figure 28. Test Circuit 3 (Channel Separation)
(VCC=+2.5V. VEE=-2.5V, R1=100
Ω, R2=10kΩ)
VCC
VEE
R1
V
R2
R1//R2
VOUT1
=0.5[Vrms]
VIN
VCC
VEE
R1
V
R2
R1//R2
VOUT2
OTHER
CH
CS
=20×log
100
×VOUT1
VOUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com