Electronic Components Datasheet Search
  English  ▼

X  

BA4510FE2 Datasheet(PDF) 2 Page - Rohm

Part # BA4510FE2
Description  Low Noise Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4510FE2 Datasheet(HTML) 2 Page - Rohm

  BA4510FE2 Datasheet HTML 1Page - Rohm BA4510FE2 Datasheet HTML 2Page - Rohm BA4510FE2 Datasheet HTML 3Page - Rohm BA4510FE2 Datasheet HTML 4Page - Rohm BA4510FE2 Datasheet HTML 5Page - Rohm BA4510FE2 Datasheet HTML 6Page - Rohm BA4510FE2 Datasheet HTML 7Page - Rohm BA4510FE2 Datasheet HTML 8Page - Rohm BA4510FE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200080-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2/19
7.NOV.2012 Rev.001
TSZ22111・15・00
BA4510xxx
●Pin Configuration(TOP VIEW)
SOP8, SSOP-B8, TSSOP-B8, MSOP8
Pin No.
Symbol
1
OUT1
2
-IN1
3
+IN1
4
VEE
5
+IN2
6
-IN2
7
OUT2
8
VCC
Package
SOP8
SSOP-B8
TSSOP-B8
MSOP8
BA4510F
BA4510FV
BA4510FVT
BA4510FVM
●Ordering Information
B
A
4
5
1
0
x
x
x
-
E2
Part Number
BA4510xxx
Package
F
: SOP8
FV
: SSOP-B8
FVT : TSSOP-B8
FVM : MSOP8
Packaging and forming specification
E2: Embossed tape and reel
(SOP8/SSOP-B8/TSSOP-B8)
TR: Embossed tape and reel
(MSOP8)
●Line-up
Topr
Operating
Supply Voltage
(split supply)
Supply
Current
(Typ.)
Slew Rate
(Typ.)
Package
Orderable
Part Number
-20°C to +75°C
±1.0V to ±3.5V
5mA
5V/µs
SOP8
Reel of 2500
BA4510F-E2
SSOP-B8
Reel of 2500
BA4510FV-E2
TSSOP-B8
Reel of 2500
BA4510FVT-E2
MSOP8
Reel of 3000
BA4510FVM-TR
45
36
27
18
CH1
- +
CH2
+ -
OUT1
-IN1
+IN1
VEE
OUT2
-IN2
+IN2
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com