Electronic Components Datasheet Search
  English  ▼

X  

BA4510FE2 Datasheet(PDF) 3 Page - Rohm

Part # BA4510FE2
Description  Low Noise Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4510FE2 Datasheet(HTML) 3 Page - Rohm

  BA4510FE2 Datasheet HTML 1Page - Rohm BA4510FE2 Datasheet HTML 2Page - Rohm BA4510FE2 Datasheet HTML 3Page - Rohm BA4510FE2 Datasheet HTML 4Page - Rohm BA4510FE2 Datasheet HTML 5Page - Rohm BA4510FE2 Datasheet HTML 6Page - Rohm BA4510FE2 Datasheet HTML 7Page - Rohm BA4510FE2 Datasheet HTML 8Page - Rohm BA4510FE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200080-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
3/19
7.NOV.2012 Rev.001
TSZ22111・15・00
BA4510xxx
●Absolute Maximum Ratings (Ta=25℃)
○BA4510
Parameter
Symbol
Ratings
Unit
Supply Voltage
VCC-VEE
+10
V
Power dissipation
Pd
SOP8
620
*1*5
mW
SSOP-B8
550
*2*5
TSSOP-B8
500
*3*5
MSOP8
470
*4*5
Differential Input Voltage
*6
Vid
VCC-VEE
V
Input Common-mode Voltage Range
Vicm
VEE to VCC
V
Operating Supply Voltage
Vopr
2 to 7(±1 to ±3.5)
V
Operating Temperature
Topr
-20 to +75
℃
Storage Temperature
Tstg
-40 to 125
℃
Maximum Junction Temperature
Tjmax
+125
℃
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absolute maximum rated temperature environment may cause
deterioration of characteristics.
*1
To use at temperature above Ta=25℃ reduce 6.2mW/℃
*2
To use at temperature above Ta=25℃ reduce 5.5mW/℃
*3
To use at temperature above Ta=25℃ reduce 5.0mW/℃
*4
To use at temperature above Ta=25℃ reduce 4.8mW/℃
*5
Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm).
*6
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
●Electrical Characteristics
○BA4510 (Unless otherwise specified VCC=+2.5V, VEE=-2.5V, Ta=25℃)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
*7
Vio
-
1
6
mV
RS=50
Ω
Input Offset Current
*7
Iio
-
2
200
nA
-
Input Bias Current
*8
Ib
-
80
500
nA
-
Supply Current
ICC
2.5
5.0
7.5
mA
RL=∞, All Op-Amps
Maximum Output Voltage(High)
VOH
+2.0
+2.4
-
V
RL=10k
Ω
Maximum Output Voltage(Low)
VOL
-
-2.4
-2.0
V
RL=10k
Ω
Large Signal Voltage Gain
Av
60
90
-
dB
RL≧10k
Ω
Input Common-mode Voltage Range
Vicm
-1.3
-
+1.5
V
-
Common-mode Rejection Ratio
CMRR
60
80
-
dB
-
Power Supply Rejection Ratio
PSRR
60
80
-
dB
RS=50
Ω
Slew Rate
SR
-
5.0
-
V/
μsAv=1
Total Harmonic Distortion+ Noise
THD+N
-
0.007
-
%
Av=20dB, RL=10k
Ω,
VIN=0.05Vrms, f=1kHz
DIN-AUDIO
Input Referred Noise Voltage
Vn
-
6
-
Hz
nV/
RS=100
Ω, Vi=0V, f=1kHz
-
0.7
-
μVrms DIN-AUDIO
Channel Separation
CS
-
-
dB
R1=100
Ω, f=1kHz
*7
Absolute value
*8
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com