Electronic Components Datasheet Search
  English  ▼

X  

DP43TF Datasheet(PDF) 19 Page - Intel Corporation

Part # DP43TF
Description  Technical Product Specification
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP43TF Datasheet(HTML) 19 Page - Intel Corporation

Back Button DP43TF Datasheet HTML 15Page - Intel Corporation DP43TF Datasheet HTML 16Page - Intel Corporation DP43TF Datasheet HTML 17Page - Intel Corporation DP43TF Datasheet HTML 18Page - Intel Corporation DP43TF Datasheet HTML 19Page - Intel Corporation DP43TF Datasheet HTML 20Page - Intel Corporation DP43TF Datasheet HTML 21Page - Intel Corporation DP43TF Datasheet HTML 22Page - Intel Corporation DP43TF Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 86 page
background image
Product Description
19
1.6
Intel® P43 Express Chipset
The Intel P43 Express chipset consists of the following devices:
•
Intel 82P43 Memory Controller Hub (MCH) with Direct Media Interface (DMI)
interconnect
•
Intel 82801JIB I/O Controller Hub (ICH10)
The MCH component provides interfaces to the CPU, memory, PCI Express, and the
DMI interconnect. The ICH10 is a centralized controller for the board’s I/O paths.
The chipset supports the following features:
•
USB
•
Serial ATA
•
Parallel IDE
For information about
Refer to
The Intel P43 Express chipset
http://www.intel.com/products/desktop/chipsets/index.htm
Resources used by the chipset
Chapter 2
1.6.1
PCI Express x16 Graphics
The MCH also supports add in discrete graphics card via the PCI Express 2.0 graphics
connector.
•
PCI Express 2.0 x16:
⎯ Supports PCI Express GEN1 frequency of 1.25 GHz resulting in 2.5 Gb/s each
direction (500 MB/s total). Maximum theoretical bandwidth on interface of
4 GB/s in each direction simultaneously, for an aggregate of 8 GB/s when
operating in x16 mode.
⎯ Supports PCI Express GEN2 frequency of 2.5 GHz resulting in 5.0 Gb/s each
direction (1000 MB/s total). Maximum theoretical bandwidth on interface of
8 GB/s in each direction simultaneously, for an aggregate of 16 GB/s when
operating in x16 mode.
For information about
Refer to
PCI Express technology
http://www.pcisig.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com