Electronic Components Datasheet Search
  English  ▼

X  

DP43TF Datasheet(PDF) 49 Page - Intel Corporation

Part # DP43TF
Description  Technical Product Specification
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP43TF Datasheet(HTML) 49 Page - Intel Corporation

Back Button DP43TF Datasheet HTML 45Page - Intel Corporation DP43TF Datasheet HTML 46Page - Intel Corporation DP43TF Datasheet HTML 47Page - Intel Corporation DP43TF Datasheet HTML 48Page - Intel Corporation DP43TF Datasheet HTML 49Page - Intel Corporation DP43TF Datasheet HTML 50Page - Intel Corporation DP43TF Datasheet HTML 51Page - Intel Corporation DP43TF Datasheet HTML 52Page - Intel Corporation DP43TF Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
Technical Reference
49
2.2.2.5.2
Reset Switch Header
Pins 5 and 7 can be connected to a momentary single pole, single throw (SPST) type
switch that is normally open. When the switch is closed, the board resets and runs the
POST.
2.2.2.5.3
Power/Sleep LED Header
Pins 2 and 4 can be connected to a one- or two-color LED. Table 24 shows the
possible states for a one-color LED. Table 25 shows the possible states for a two-color
LED.
Table 24. States for a One-Color Power LED
LED State
Description
Off
Power off/sleeping
Steady Green
Running
Table 25. States for a Two-Color Power LED
LED State
Description
Off
Power off
Steady Green
Running
Steady Yellow
Sleeping
NOTE
The colors listed in Table 24 and Table 25 are suggested colors only. Actual LED
colors are chassis-specific.
2.2.2.5.4
Power Switch Header
Pins 6 and 8 can be connected to a front panel momentary-contact power switch. The
switch must pull the SW_ON# pin to ground for at least 50 ms to signal the power
supply to switch on or off. (The time requirement is due to internal debounce circuitry
on the board.) At least two seconds must pass before the power supply will recognize
another on/off signal.
2.2.2.6
Auxiliary Front Panel Power LED Header
Pins 1 and 3 of this header duplicate the signals on pins 2 and 4 of the front panel
header.
Table 26. Auxiliary Front Panel Power LED Header
Pin
Signal Name
In/Out
Description
1
HDR_BLNK_GRN
Out
Front panel green LED
2
Not connected
3
HDR_BLNK_YEL
Out
Front panel yellow LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com