Electronic Components Datasheet Search
  English  ▼

X  

DP43TF Datasheet(PDF) 28 Page - Intel Corporation

Part # DP43TF
Description  Technical Product Specification
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP43TF Datasheet(HTML) 28 Page - Intel Corporation

Back Button DP43TF Datasheet HTML 24Page - Intel Corporation DP43TF Datasheet HTML 25Page - Intel Corporation DP43TF Datasheet HTML 26Page - Intel Corporation DP43TF Datasheet HTML 27Page - Intel Corporation DP43TF Datasheet HTML 28Page - Intel Corporation DP43TF Datasheet HTML 29Page - Intel Corporation DP43TF Datasheet HTML 30Page - Intel Corporation DP43TF Datasheet HTML 31Page - Intel Corporation DP43TF Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 86 page
background image
Intel Desktop Board DP43TF Technical Product Specification
28
1.12 Hardware Management Subsystem
The hardware management features enable the board to be compatible with the Wired
for Management (WfM) specification. The board has several hardware management
features, including the following:
•
Fan monitoring and control
•
Thermal and voltage monitoring
•
Chassis intrusion detection
1.12.1
Hardware Monitoring and Fan Control
The features of the hardware monitoring and fan control include:
•
Intel Quiet System Technology, delivering acoustically-optimized thermal
management
•
Fan speed control controllers and sensors integrated into the ICH10
•
Four thermal sensors (processor, 82P43 MCH, 82801JIB ICH10, and a remote
thermal sensor)
•
Power supply monitoring of five voltages (+5 V, +12 V, +3.3 V, +1.25 V, and
+VCCP) to detect levels above or below acceptable values
•
Thermally monitored closed-loop fan control, for all four fans, that can adjust the
fan speed according to thermal conditions
1.12.2
Fan Monitoring
Fan monitoring can be implemented using Intel® Desktop Utilities or third-party
software.
For information about
Refer to
The functions of the fan headers
Section 1.13.2.2, page 34
Location of the fan headers
Figure 6, page 29
1.12.3
Chassis Intrusion and Detection
The board supports a chassis security feature that detects if the chassis cover is
removed. The security feature uses a mechanical switch on the chassis that attaches
to the chassis intrusion header. When the chassis cover is removed, the mechanical
switch is in the closed position.
For information about
Refer to
The location of the chassis intrusion header
Figure 10, page 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com