Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 61 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 61 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 57Page - Altera Corporation EP3SE110 Datasheet HTML 58Page - Altera Corporation EP3SE110 Datasheet HTML 59Page - Altera Corporation EP3SE110 Datasheet HTML 60Page - Altera Corporation EP3SE110 Datasheet HTML 61Page - Altera Corporation EP3SE110 Datasheet HTML 62Page - Altera Corporation EP3SE110 Datasheet HTML 63Page - Altera Corporation EP3SE110 Datasheet HTML 64Page - Altera Corporation EP3SE110 Datasheet HTML 65Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–51
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–44 lists the EP3SL50 row pins output timing parameters for single-ended I/O
standards.
Table 1–44. EP3SL50 Row Pins output Timing Parameters (Part 1 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V
LVTTL
4mA
GCLK
t
co
3.197
3.438
4.781
5.176
5.684
5.549
5.751
5.305
5.818
5.682
5.828
ns
GCLK
PLL
tco
1.482
1.677
2.061
2.175
2.372
2.388
2.308
2.295
2.495
2.512
2.303
ns
8mA
GCLK
t
co
3.104
3.333
4.651
5.038
5.540
5.405
5.607
5.164
5.669
5.533
5.679
ns
GCLK
PLL
t
co
1.415
1.606
1.951
2.037
2.228
2.244
2.164
2.154
2.346
2.363
2.154
ns
12mA
GCLK
t
co
3.014
3.233
4.532
4.915
5.412
5.277
5.479
5.037
5.537
5.401
5.547
ns
GCLK
PLL
t
co
1.336
1.517
1.845
1.930
2.100
2.116
2.036
2.046
2.214
2.260
2.022
ns
3.3-V
LVCMOS
4mA
GCLK
tco
3.207
3.442
4.789
5.181
5.689
5.554
5.756
5.311
5.823
5.687
5.833
ns
GCLK
PLL
t
co
1.492
1.684
2.065
2.180
2.377
2.393
2.313
2.301
2.500
2.517
2.308
ns
8mA
GCLK
t
co
3.018
3.237
4.538
4.921
5.418
5.283
5.485
5.043
5.544
5.408
5.554
ns
GCLK
PLL
t
co
1.340
1.521
1.856
1.945
2.106
2.122
2.042
2.058
2.221
2.269
2.029
ns
3.0-V
LVTTL
4mA
GCLK
t
co
3.151
3.384
4.733
5.129
5.641
5.506
5.708
5.262
5.776
5.640
5.786
ns
GCLK
PLL
t
co
1.442
1.638
2.028
2.128
2.329
2.345
2.265
2.252
2.453
2.470
2.261
ns
8mA
GCLK
t
co
3.026
3.257
4.580
4.970
5.477
5.342
5.544
5.100
5.612
5.475
5.621
ns
GCLK
PLL
t
co
1.341
1.526
1.891
1.969
2.165
2.181
2.101
2.090
2.289
2.305
2.096
ns
12mA
GCLK
tco
2.987
3.206
4.498
4.887
5.389
5.254
5.456
5.014
5.519
5.382
5.528
ns
GCLK
PLL
t
co
1.304
1.488
1.831
1.903
2.077
2.093
2.013
2.016
2.196
2.222
2.003
ns
3.0-V
LVCMOS
4mA
GCLK
t
co
3.065
3.303
4.627
5.022
5.530
5.395
5.597
5.154
5.665
5.528
5.674
ns
GCLK
PLL
t
co
1.363
1.550
1.926
2.021
2.218
2.234
2.154
2.144
2.342
2.358
2.149
ns
8mA
GCLK
t
co
2.969
3.188
4.463
4.848
5.350
5.215
5.417
4.974
5.479
5.342
5.488
ns
GCLK
PLL
t
co
1.291
1.472
1.803
1.874
2.038
2.054
1.974
1.986
2.156
2.193
1.963
ns
2.5 V
4mA
GCLK
t
co
3.177
3.420
4.865
5.283
5.813
5.678
5.880
5.422
5.955
5.818
5.964
ns
GCLK
PLL
t
co
1.468
1.675
2.136
2.282
2.501
2.517
2.437
2.412
2.632
2.648
2.439
ns
8mA
GCLK
tco
3.067
3.321
4.710
5.120
5.643
5.508
5.710
5.255
5.781
5.644
5.790
ns
GCLK
PLL
t
co
1.383
1.572
2.012
2.119
2.331
2.347
2.267
2.245
2.458
2.474
2.265
ns
12mA
GCLK
t
co
3.021
3.245
4.599
5.001
5.517
5.382
5.584
5.132
5.651
5.514
5.660
ns
GCLK
PLL
t
co
1.326
1.528
1.928
2.015
2.205
2.221
2.141
2.132
2.328
2.354
2.135
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com