Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 117 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 117 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 113Page - Altera Corporation EP3SE110 Datasheet HTML 114Page - Altera Corporation EP3SE110 Datasheet HTML 115Page - Altera Corporation EP3SE110 Datasheet HTML 116Page - Altera Corporation EP3SE110 Datasheet HTML 117Page - Altera Corporation EP3SE110 Datasheet HTML 118Page - Altera Corporation EP3SE110 Datasheet HTML 119Page - Altera Corporation EP3SE110 Datasheet HTML 120Page - Altera Corporation EP3SE110 Datasheet HTML 121Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–107
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
SSTL-18
CLASS I
4mA
GCLK
tco
3.049
3.284
4.636 5.022 5.516 5.390 5.652 5.141 5.635 5.508 5.728
ns
GCLK
PLL
t
co
1.281
1.457
1.859 1.947 2.145 2.165 2.150 2.046 2.246 2.265 2.139
ns
6mA
GCLK
t
co
3.034
3.270
4.633 5.020 5.514 5.388 5.650 5.139 5.633 5.506 5.726
ns
GCLK
PLL
tco
1.266
1.443
1.856 1.945 2.143 2.163 2.148 2.044 2.244 2.263 2.137
ns
8mA
GCLK
t
co
3.023
3.258
4.616 5.003 5.497 5.371 5.633 5.122 5.617 5.490 5.710
ns
GCLK
PLL
t
co
1.255
1.431
1.839 1.928 2.126 2.146 2.131 2.027 2.228 2.247 2.121
ns
10mA
GCLK
t
co
2.999
3.235
4.600 4.987 5.482 5.356 5.618 5.107 5.602 5.475 5.695
ns
GCLK
PLL
t
co
1.231
1.408
1.823 1.912 2.111 2.131 2.116 2.012 2.213 2.232 2.106
ns
12mA
GCLK
tco
2.999
3.234
4.599 4.986 5.481 5.355 5.617 5.106 5.601 5.474 5.694
ns
GCLK
PLL
t
co
1.231
1.407
1.822 1.911 2.110 2.130 2.116 2.011 2.212 2.231 2.106
ns
SSTL-18
CLASS II
8mA
GCLK
t
co
3.009
3.243
4.597 4.982 5.475 5.349 5.611 5.101 5.594 5.467 5.687
ns
GCLK
PLL
t
co
1.241
1.416
1.820 1.907 2.104 2.124 2.111 2.006 2.205 2.224 2.100
ns
16mA
GCLK
t
co
3.004
3.238
4.596 4.983 5.477 5.351 5.613 5.103 5.598 5.471 5.691
ns
GCLK
PLL
t
co
1.235
1.411
1.819 1.908 2.106 2.126 2.121 2.008 2.209 2.228 2.111
ns
SSTL-15
CLASS I
4mA
GCLK
t
co
3.045
3.280
4.647 5.036 5.533 5.407 5.669 5.154 5.651 5.524 5.744
ns
GCLK
PLL
t
co
1.277
1.453
1.870 1.961 2.162 2.182 2.167 2.059 2.262 2.281 2.155
ns
6mA
GCLK
tco
3.022
3.258
4.629 5.019 5.516 5.390 5.652 5.138 5.635 5.508 5.728
ns
GCLK
PLL
t
co
1.254
1.431
1.852 1.944 2.145 2.165 2.150 2.043 2.246 2.265 2.139
ns
8mA
GCLK
t
co
3.005
3.241
4.612 5.001 5.498 5.372 5.634 5.120 5.618 5.491 5.711
ns
GCLK
PLL
t
co
1.237
1.414
1.835 1.926 2.127 2.147 2.132 2.025 2.229 2.248 2.122
ns
Table 1–64. EP3SL110 Row Pins Output Timing Parameters (Part 3 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com