Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 140 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 140 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 136Page - Altera Corporation EP3SE110 Datasheet HTML 137Page - Altera Corporation EP3SE110 Datasheet HTML 138Page - Altera Corporation EP3SE110 Datasheet HTML 139Page - Altera Corporation EP3SE110 Datasheet HTML 140Page - Altera Corporation EP3SE110 Datasheet HTML 141Page - Altera Corporation EP3SE110 Datasheet HTML 142Page - Altera Corporation EP3SE110 Datasheet HTML 143Page - Altera Corporation EP3SE110 Datasheet HTML 144Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 341 page
background image
1–130
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.5-V
HSTL
CLASS II
16mA
GCLK
tco
3.250
3.267
4.605
4.969
5.470
5.318
5.653
4.969 5.470 5.318 5.653
ns
GCLK
PLL
t
co
3.673
3.669
5.192
5.634
6.186
6.006
6.388
5.634 6.186 6.006 6.388
ns
1.2-V
HSTL
CLASS I
4mA
GCLK
tco
3.269
3.286
4.641
5.010
5.516
5.364
5.699
5.010 5.516 5.364 5.699
ns
GCLK
PLL
t
co
3.692
3.688
5.228
5.675
6.232
6.052
6.434
5.675 6.232 6.052 6.434
ns
6mA
GCLK
t
co
3.261
3.278
4.632
5.001
5.507
5.355
5.690
5.001 5.507 5.355 5.690
ns
GCLK
PLL
t
co
3.684
3.680
5.219
5.666
6.223
6.043
6.425
5.666 6.223 6.043 6.425
ns
8mA
GCLK
t
co
3.262
3.279
4.640
5.010
5.516
5.364
5.699
5.010 5.516 5.364 5.699
ns
GCLK
PLL
t
co
3.685
3.681
5.227
5.675
6.232
6.052
6.434
5.675 6.232 6.052 6.434
ns
10mA
GCLK
t
co
3.251
3.268
4.627
4.996
5.502
5.350
5.685
4.996 5.502 5.350 5.685
ns
GCLK
PLL
t
co
3.674
3.670
5.214
5.661
6.218
6.038
6.420
5.661 6.218 6.038 6.420
ns
12mA
GCLK
t
co
3.251
3.268
4.627
4.996
5.503
5.351
5.686
4.996 5.503 5.351 5.686
ns
GCLK
PLL
tco
3.674
3.670
5.214
5.661
6.219
6.039
6.421
5.661 6.219 6.039 6.421
ns
1.2-V
HSTL
CLASS II
16mA
GCLK
t
co
3.272
3.289
4.643
5.011
5.516
5.364
5.699
5.011 5.516 5.364 5.699
ns
GCLK
PLL
tco
3.695
3.691
5.230
5.676
6.233
6.052
6.434
5.676 6.233 6.052 6.434
ns
3.0-V PCI
—
GCLK
t
co
3.375
3.392
4.688
5.045
5.541
5.389
5.724
5.045 5.541 5.389 5.724
ns
GCLK
PLL
t
co
3.798
3.794
5.275
5.710
6.264
6.077
6.459
5.710 6.264 6.077 6.459
ns
3.0-V
PCI-X
—
GCLK
t
co
3.375
3.392
4.688
5.045
5.541
5.389
5.724
5.045 5.541 5.389 5.724
ns
GCLK
PLL
t
co
3.798
3.794
5.275
5.710
6.264
6.077
6.459
5.710 6.264 6.077 6.459
ns
Table 1–73. EP3SL150 Column Pins Output Timing Parameters (Part 7 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com