Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 203 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 203 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 199Page - Altera Corporation EP3SE110 Datasheet HTML 200Page - Altera Corporation EP3SE110 Datasheet HTML 201Page - Altera Corporation EP3SE110 Datasheet HTML 202Page - Altera Corporation EP3SE110 Datasheet HTML 203Page - Altera Corporation EP3SE110 Datasheet HTML 204Page - Altera Corporation EP3SE110 Datasheet HTML 205Page - Altera Corporation EP3SE110 Datasheet HTML 206Page - Altera Corporation EP3SE110 Datasheet HTML 207Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–193
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–96 lists the EP3SL340 row pins input timing parameters for differential I/O
standards.
Table 1–96. EP3SL340 Row Pins Input Timing Parameters (Part 1 of 2)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS
GCLK
t
su
-1.246
-1.308
-1.577
-1.488 -1.656 -1.595 -2.046 -1.456 -1.615 -1.558 -2.087
ns
t
h
1.380
1.458
1.832
1.758
1.950
1.878
2.332
1.738
1.920
1.853
2.374
ns
GCLK
PLL
t
su
0.822
0.846
1.911
2.121
2.309
2.193
2.091
2.181
2.377
2.260
2.149
ns
t
h
-0.548
-0.552
-1.422
-1.604 -1.736 -1.650 -1.536 -1.651 -1.790 -1.702 -1.588
ns
MINI-LVDS
GCLK
t
su
-1.246
-1.308
-1.577
-1.488 -1.656 -1.595 -2.046 -1.456 -1.615 -1.558 -2.087
ns
th
1.380
1.458
1.832
1.758
1.950
1.878
2.332
1.738
1.920
1.853
2.374
ns
GCLK
PLL
t
su
0.822
0.846
1.911
2.121
2.309
2.193
2.091
2.181
2.377
2.260
2.149
ns
t
h
-0.548
-0.552
-1.422
-1.604 -1.736 -1.650 -1.536 -1.651 -1.790 -1.702 -1.588
ns
RSDS
GCLK
t
su
-1.246
-1.308
-1.577
-1.488 -1.656 -1.595 -2.046 -1.456 -1.615 -1.558 -2.087
ns
t
h
1.380
1.458
1.832
1.758
1.950
1.878
2.332
1.738
1.920
1.853
2.374
ns
GCLK
PLL
tsu
0.822
0.846
1.911
2.121
2.309
2.193
2.091
2.181
2.377
2.260
2.149
ns
t
h
-0.548
-0.552
-1.422
-1.604 -1.736 -1.650 -1.536 -1.651 -1.790 -1.702 -1.588
ns
DIFFERENTIAL
1.2-V
HSTL CLASS I
GCLK
t
su
-1.051
-1.123
-1.707
-1.717 -1.845 -1.779 -2.225 -1.727 -1.852 -1.790 -2.271
ns
t
h
1.178
1.264
1.926
1.941
2.090
2.013
2.462
1.960
2.105
2.033
2.509
ns
GCLK
PLL
t
su
1.007
1.021
1.776
1.887
2.110
1.999
1.902
1.904
2.130
2.018
1.955
ns
t
h
-0.740
-0.736
-1.321
-1.415 -1.586 -1.505 -1.396 -1.423 -1.595 -1.512 -1.443
ns
GCLK
t
su
-1.051
-1.123
-1.707
-1.717 -1.845 -1.779 -2.225 -1.727 -1.852 -1.790 -2.271
ns
th
1.178
1.264
1.926
1.941
2.090
2.013
2.462
1.960
2.105
2.033
2.509
ns
GCLK
PLL
t
su
1.007
1.021
1.776
1.887
2.110
1.999
1.902
1.904
2.130
2.018
1.955
ns
t
h
-0.740
-0.736
-1.321
-1.415 -1.586 -1.505 -1.396 -1.423 -1.595 -1.512 -1.443
ns
DIFFERENTIAL
1.5-V
HSTL CLASS I
GCLK
t
su
-1.060
-1.135
-1.716
-1.727 -1.861 -1.795 -2.241 -1.736 -1.868 -1.806 -2.287
ns
t
h
1.187
1.276
1.935
1.951
2.106
2.029
2.478
1.969
2.121
2.049
2.525
ns
GCLK
PLL
tsu
0.998
1.009
1.767
1.877
2.094
1.983
1.886
1.895
2.114
2.002
1.939
ns
t
h
-0.731
-0.724
-1.312
-1.405 -1.570 -1.489 -1.380 -1.414 -1.579 -1.496 -1.427
ns
GCLK
t
su
-1.060
-1.135
-1.716
-1.727 -1.861 -1.795 -2.241 -1.736 -1.868 -1.806 -2.287
ns
t
h
1.187
1.276
1.935
1.951
2.106
2.029
2.478
1.969
2.121
2.049
2.525
ns
GCLK
PLL
t
su
0.998
1.009
1.767
1.877
2.094
1.983
1.886
1.895
2.114
2.002
1.939
ns
t
h
-0.731
-0.724
-1.312
-1.405 -1.570 -1.489 -1.380 -1.414 -1.579 -1.496 -1.427
ns
DIFFERENTIAL
1.8-V
HSTL CLASS I
GCLK
t
su
-1.074
-1.147
-1.725
-1.737 -1.879 -1.813 -2.259 -1.747 -1.885 -1.823 -2.304
ns
th
1.201
1.288
1.944
1.961
2.124
2.047
2.496
1.980
2.138
2.066
2.542
ns
GCLK
PLL
t
su
0.984
0.997
1.754
1.867
2.076
1.965
1.868
1.884
2.097
1.985
1.922
ns
t
h
-0.717
-0.712
-1.300
-1.395 -1.552 -1.471 -1.362 -1.403 -1.562 -1.479 -1.410
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com