Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 220 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 220 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 216Page - Altera Corporation EP3SE110 Datasheet HTML 217Page - Altera Corporation EP3SE110 Datasheet HTML 218Page - Altera Corporation EP3SE110 Datasheet HTML 219Page - Altera Corporation EP3SE110 Datasheet HTML 220Page - Altera Corporation EP3SE110 Datasheet HTML 221Page - Altera Corporation EP3SE110 Datasheet HTML 222Page - Altera Corporation EP3SE110 Datasheet HTML 223Page - Altera Corporation EP3SE110 Datasheet HTML 224Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 341 page
background image
1–210
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.5 V
2mA
GCLK
t
co
3.464
3.464
4.981
5.429
5.995
5.875
5.825
5.429
5.995
5.875
5.825
ns
GCLK
PLL
t
co
3.687
3.661
5.231
5.717
6.273
6.128
6.427
5.717
6.273
6.128
6.427
ns
4mA
GCLK
tco
3.181
3.181
4.527
4.916
5.439
5.319
5.439
4.916
5.439
5.319
5.439
ns
GCLK
PLL
t
co
3.475
3.449
4.912
5.360
5.881
5.736
6.035
5.360
5.881
5.736
6.035
ns
6mA
GCLK
t
co
3.103
3.111
4.427
4.808
5.322
5.202
5.362
4.808
5.322
5.202
5.362
ns
GCLK
PLL
t
co
3.450
3.424
4.845
5.300
5.814
5.669
5.968
5.300
5.814
5.669
5.968
ns
8mA
GCLK
t
co
3.093
3.100
4.409
4.787
5.290
5.170
5.345
4.787
5.290
5.170
5.345
ns
GCLK
PLL
t
co
3.439
3.413
4.828
5.275
5.794
5.649
5.948
5.275
5.794
5.649
5.948
ns
10mA
GCLK
t
co
3.063
3.063
4.330
4.709
5.208
5.088
5.282
4.709
5.208
5.088
5.282
ns
GCLK
PLL
t
co
3.384
3.358
4.790
5.225
5.724
5.579
5.878
5.225
5.724
5.579
5.878
ns
12mA
GCLK
tco
3.030
3.040
4.314
4.676
5.168
5.047
5.261
4.676
5.168
5.047
5.261
ns
GCLK
PLL
t
co
3.379
3.353
4.774
5.213
5.713
5.568
5.867
5.213
5.713
5.568
5.867
ns
1.2 V
2mA
GCLK
t
co
3.354
3.354
4.868
5.328
5.915
5.795
5.765
5.328
5.915
5.795
5.765
ns
GCLK
PLL
t
co
3.603
3.577
5.157
5.652
6.217
6.072
6.371
5.652
6.217
6.072
6.371
ns
4mA
GCLK
t
co
3.181
3.181
4.546
4.947
5.486
5.366
5.480
4.947
5.486
5.366
5.480
ns
GCLK
PLL
t
co
3.480
3.454
4.932
5.391
5.931
5.786
6.085
5.391
5.931
5.786
6.085
ns
6mA
GCLK
t
co
3.094
3.103
4.419
4.806
5.331
5.211
5.366
4.806
5.331
5.211
5.366
ns
GCLK
PLL
t
co
3.442
3.416
4.839
5.301
5.818
5.673
5.972
5.301
5.818
5.673
5.972
ns
8mA
GCLK
tco
3.070
3.070
4.351
4.746
5.240
5.120
5.319
4.746
5.240
5.120
5.319
ns
GCLK
PLL
t
co
3.395
3.369
4.811
5.252
5.762
5.617
5.916
5.252
5.762
5.617
5.916
ns
SSTL-2
CLASS I
8mA
GCLK
t
co
3.058
3.058
4.312
4.677
5.188
5.068
5.276
4.677
5.188
5.068
5.276
ns
GCLK
PLL
t
co
3.395
3.369
4.768
5.200
5.693
5.548
5.847
5.200
5.693
5.548
5.847
ns
10mA
GCLK
t
co
3.055
3.055
4.305
4.670
5.193
5.074
5.271
4.670
5.193
5.074
5.271
ns
GCLK
PLL
tco
3.392
3.366
4.765
5.196
5.689
5.544
5.843
5.196
5.689
5.544
5.843
ns
12mA
GCLK
t
co
3.043
3.051
4.305
4.666
5.174
5.054
5.272
4.666
5.174
5.054
5.272
ns
GCLK
PLL
t
co
3.390
3.364
4.765
5.197
5.690
5.545
5.844
5.197
5.690
5.545
5.844
ns
SSTL-2
CLASS II
16mA
GCLK
tco
3.032
3.042
4.291
4.644
5.140
5.020
5.256
4.644
5.140
5.020
5.256
ns
GCLK
PLL
t
co
3.381
3.355
4.751
5.182
5.675
5.530
5.829
5.182
5.675
5.530
5.829
ns
Table 1–103. EP3SE50 Column Pins Output Timing Parameters (Part 3 of 6)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com