Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 225 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 225 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 221Page - Altera Corporation EP3SE110 Datasheet HTML 222Page - Altera Corporation EP3SE110 Datasheet HTML 223Page - Altera Corporation EP3SE110 Datasheet HTML 224Page - Altera Corporation EP3SE110 Datasheet HTML 225Page - Altera Corporation EP3SE110 Datasheet HTML 226Page - Altera Corporation EP3SE110 Datasheet HTML 227Page - Altera Corporation EP3SE110 Datasheet HTML 228Page - Altera Corporation EP3SE110 Datasheet HTML 229Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–215
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.5 V
2mA
GCLK
t
co
3.316
3.581
5.163 5.631 6.220 6.084 6.296 5.774 6.368 6.232 6.385
ns
GCLK
PLL
t
co
1.592
1.806
2.387 2.524 2.786 2.805 2.724 2.650 2.919 2.937 2.728
ns
4mA
GCLK
tco
3.074
3.324
4.758 5.194 5.729 5.593 5.805 5.328 5.864 5.728 5.881
ns
GCLK
PLL
t
co
1.400
1.592
2.065 2.166 2.392 2.411 2.330 2.286 2.518 2.536 2.327
ns
6mA
GCLK
t
co
3.047
3.276
4.685 5.098 5.623 5.487 5.699 5.230 5.759 5.623 5.776
ns
GCLK
PLL
t
co
1.373
1.566
1.996 2.105 2.323 2.342 2.261 2.226 2.445 2.463 2.254
ns
8mA
GCLK
t
co
3.038
3.267
4.663 5.080 5.604 5.468 5.680 5.212 5.737 5.601 5.754
ns
GCLK
PLL
t
co
1.354
1.555
1.980 2.081 2.304 2.323 2.242 2.202 2.426 2.444 2.235
ns
1.2 V
2mA
GCLK
t
co
3.259
3.506
5.073 5.545 6.145 6.009 6.221 5.686 6.284 6.148 6.301
ns
GCLK
PLL
t
co
1.522
1.719
2.308 2.456 2.725 2.744 2.663 2.582 2.850 2.868 2.659
ns
4mA
GCLK
tco
3.079
3.317
4.780 5.222 5.770 5.634 5.846 5.353 5.906 5.770 5.923
ns
GCLK
PLL
t
co
1.405
1.596
2.082 2.194 2.440 2.459 2.378 2.315 2.562 2.580 2.371
ns
SSTL-2
CLASS I
8mA
GCLK
t
co
3.010
3.234
4.582 4.981 5.490 5.354 5.556 5.108 5.619 5.483 5.627
ns
GCLK
PLL
t
co
1.308
1.492
1.899 1.984 2.183 2.202 2.150 2.100 2.301 2.318 2.139
ns
12mA
GCLK
t
co
3.005
3.230
4.579 4.979 5.488 5.352 5.548 5.107 5.618 5.482 5.620
ns
GCLK
PLL
t
co
1.303
1.488
1.896 1.982 2.181 2.200 2.142 2.099 2.300 2.317 2.132
ns
SSTL-2
CLASS II
16mA
GCLK
t
co
2.996
3.219
4.564 4.963 5.471 5.335 5.521 5.090 5.600 5.464 5.593
ns
GCLK
PLL
t
co
1.294
1.477
1.881 1.966 2.164 2.183 2.115 2.082 2.282 2.299 2.105
ns
SSTL-18
CLASS I
4mA
GCLK
tco
3.016
3.241
4.591 4.993 5.505 5.369 5.581 5.120 5.634 5.498 5.651
ns
GCLK
PLL
t
co
1.333
1.519
1.931 2.017 2.218 2.237 2.156 2.132 2.336 2.354 2.145
ns
6mA
GCLK
t
co
3.001
3.227
4.588 4.991 5.503 5.367 5.579 5.118 5.632 5.496 5.649
ns
GCLK
PLL
t
co
1.328
1.514
1.929 2.016 2.217 2.236 2.155 2.130 2.334 2.352 2.143
ns
8mA
GCLK
t
co
2.990
3.215
4.571 4.974 5.486 5.350 5.562 5.101 5.616 5.480 5.633
ns
GCLK
PLL
tco
1.317
1.503
1.919 2.006 2.207 2.226 2.145 2.121 2.325 2.343 2.134
ns
10mA
GCLK
t
co
2.966
3.192
4.555 4.958 5.471 5.335 5.547 5.086 5.601 5.465 5.618
ns
GCLK
PLL
t
co
1.306
1.492
1.906 1.993 2.194 2.213 2.132 2.109 2.313 2.331 2.122
ns
12mA
GCLK
tco
2.966
3.191
4.554 4.957 5.470 5.334 5.546 5.085 5.600 5.464 5.617
ns
GCLK
PLL
t
co
1.306
1.491
1.906 1.993 2.194 2.213 2.132 2.108 2.313 2.331 2.122
ns
Table 1–104. EP3SE50 Row Pins Output Timing Parameters (Part 3 of 5)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com