Electronic Components Datasheet Search
  English  ▼

X  

IR3891 Datasheet(PDF) 41 Page - International Rectifier

Part # IR3891
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3891 Datasheet(HTML) 41 Page - International Rectifier

Back Button IR3891 Datasheet HTML 37Page - International Rectifier IR3891 Datasheet HTML 38Page - International Rectifier IR3891 Datasheet HTML 39Page - International Rectifier IR3891 Datasheet HTML 40Page - International Rectifier IR3891 Datasheet HTML 41Page - International Rectifier IR3891 Datasheet HTML 42Page - International Rectifier IR3891 Datasheet HTML 43Page - International Rectifier IR3891 Datasheet HTML 44Page - International Rectifier IR3891 Datasheet HTML 45Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
41
www.irf.com
© 2013 International Rectifier
May 08, 2013
TYPICAL OPERATING WAVEFORMS
Vin=PVin=12V, Vo1=1.8V, Iout1=0-4A, Vo2=1.2V, Iout1=0-4A, Fs=600kHz, Room Temperature, No air flow
Figure 40: CH1 Bode Plot with 4A load, CH2 disabled.
Fo = 84.9 kHz, Phase Margin = 51.9 Degrees
Figure 41: CH2 Bode Plot with 4A load, CH1 disabled.
Fo = 113.1 kHz, Phase Margin = 48.2 Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com