Electronic Components Datasheet Search
  English  ▼

X  

IR3891 Datasheet(PDF) 7 Page - International Rectifier

Part # IR3891
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3891 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3891 Datasheet HTML 3Page - International Rectifier IR3891 Datasheet HTML 4Page - International Rectifier IR3891 Datasheet HTML 5Page - International Rectifier IR3891 Datasheet HTML 6Page - International Rectifier IR3891 Datasheet HTML 7Page - International Rectifier IR3891 Datasheet HTML 8Page - International Rectifier IR3891 Datasheet HTML 9Page - International Rectifier IR3891 Datasheet HTML 10Page - International Rectifier IR3891 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
7
www.irf.com
© 2013 International Rectifier
May 08, 2013
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Short Circuit Current
Ishort
120
mA
Oscillator
Rt Voltage
Vrt
1.0
V
Frequency Range
Fs
Rt = 80.6K
270
300
330
kHz
Rt = 39.2K
540
600
660
Rt = 15K
1350
1500
1650
Ramp Amplitude
Vramp
Vin = 6.8V, Vin slew rate
max = 1V/μs, Note 4
1.02
Vp-p
Vin = 12V, Vin slew rate
max = 1V/μs, Note 4
1.80
Vin = 21V, Vin slew rate
max = 1V/μs, Note 4
3.15
Vcc=Vin = 5V, For
external Vcc operation,
Note 4
0.75
Min Pulse Width
Tmin(ctrl)
Note 4
60
ns
Max Duty Cycle
Dmax
Fs = 300kHz,
Vin=Pvin=12V
86
%
Fixed Off Time
Toff
Note 4
200
250
ns
Sync Frequency Range
Fsync
270
1650
kHz
Sync Pulse Duration
Tsync
100
200
ns
Sync Level Threshold
High
3
V
Low
0.6
Error Amplifier
Seq Input Offset
Voltage
Vos_VSeq
VSeq – Vfb;
VSeq=250mV
-3
+3
%
Input Bias Current
IFb(E/A)
-200
+200
nA
Seq Input impedance
Rin_Seq(E/A)
Internal Seq pull-up
resistor
300
kΩ
Sink Current
Isink(E/A)
0.4
0.85
1.2
mA
Source Current
Isource(E/A)
3
4
7
mA
Slew Rate
SR
Note 4
7
12
20
V/µs
Gain-Bandwidth
Product
GBWP
Note 4
20
30
40
MHz
DC Gain
Gain
Note 4
80
90
110
dB
Maximum Voltage
Vmax(E/A)
1.7
2
2.3
V
Minimum Voltage
Vmin(E/A)
120
220
mV
Vseq Common Mode
Voltage
0
0.77
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com