Electronic Components Datasheet Search
  English  ▼

X  

IR3891 Datasheet(PDF) 6 Page - International Rectifier

Part # IR3891
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3891 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3891 Datasheet HTML 2Page - International Rectifier IR3891 Datasheet HTML 3Page - International Rectifier IR3891 Datasheet HTML 4Page - International Rectifier IR3891 Datasheet HTML 5Page - International Rectifier IR3891 Datasheet HTML 6Page - International Rectifier IR3891 Datasheet HTML 7Page - International Rectifier IR3891 Datasheet HTML 8Page - International Rectifier IR3891 Datasheet HTML 9Page - International Rectifier IR3891 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
6
www.irf.com
© 2013 International Rectifier
May 08, 2013
ELECTRICAL SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
SYMBOL
DEFINITION
MIN
MAX
UNIT
PVin
Input Bus Voltage *
1.0
21
V
Vin
Supply Voltage
5.0
21
VCC
Supply Voltage **
4.5
7.5
Boot to SW
Supply Voltage
4.5
7.5
VO
Output Voltage
0.5
0.86 * PVin
IO
Output Current
0
4
A / Phase
Fs
Switching Frequency
300
1500
kHz
TJ
Junction Temperature
-40
125
°C
*
SW1/2 node must not exceed 25V
**
When VCC is connected to an externally regulated supply, also connect Vin.
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply over, 6.8V < Vin=PVin < 21V in 0°C < TJ < 125°C.
Typical values are specified at Ta = 25°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Stage
Power Losses
PLOSS
Vin = 12V, Vout1 = 1.8V,
Vout2 = 1.2V, IO =
4A/phase, Fs = 600kHz,
L1 =2.2uH, L2=1.5uH,
Note 4
1.38
W
Top Switch
Rds(on)_Top
VBoot - Vsw= 5.3V, IO =
4A, Tj = 25°C
27.5
36.4
mΩ
Bottom Switch
Rds(on)_Bot
Vcc = 5.3V, IO = 4A, Tj =
25°C
19.5
24.2
Bootstrap Diode
Forward Voltage
I(Boot) = 10mA
300
450
mV
SW Leakage Current
ISW
SW = 0V, Enable = 0V
1
µA
SW = 0V, Enable = high,
VSeq = 0V
2
µA
Dead Band Time
Tdb
Note 4
10
20
30
ns
Supply Current
VIN Supply Current
(standby)
Iin(Standby)
EN = Low, No Switching
100
175
µA
VIN Supply Current
(dynamic)
Iin(Dyn)
EN = High, Fs = 600kHz,
12.0
17
mA
VCC LDO Output
Output Voltage
Vcc
Vin(min) = 6.8V, Io = 0-
60mA, Cload = 2.2uF
5
5.3
5.6
V
VCC Dropout
Vcc_drop
Icc = 60mA, Cload =
2.2uF
0.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com