Electronic Components Datasheet Search
  English  ▼

X  

LM1117 Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM1117
Description  1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1117 Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM1117 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1A L.D.O VOLTAGE REGULATOR
LM1117
Mar. 2013 Rev. 1.22
- 3 -
HTC
Ordering Information
(Continued)
VOUT
Package
Order No.
Package Marking
Supplied As
Status
3.3V
SOT-223
LM1117S-3.3V
1117C 3.3
Reel
Active
SOT-223
LM1117GS-3.3V
1117GC 3.3
Reel
Contact us
TO-252
LM1117RS-3.3V
LM1117C 3.3
Reel
Active
TO-252
LM1117GRS-3.3V
LM1117GC 3.3
Reel
Contact us
SOT-89
LM1117F-3.3V
1117C 3.3
Reel
Active
SOT-89
LM1117GF-3.3V
1117GC 3.3
Reel
Active
5.0V
SOT-223
LM1117S-5.0V
1117C 5.0
Reel
Active
SOT-223
LM1117GS-5.0V
1117GC 5.0
Reel
Contact us
TO-252
LM1117RS-5.0V
LM1117C 5.0
Reel
Active
TO-252
LM1117GRS-5.0V
LM1117GC 5.0
Reel
Contact us
SOT-89
LM1117F-5.0V
1117C 5.0
Reel
Active
SOT-89
LM1117GF-5.0V
1117GC 5.0
Reel
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com