Electronic Components Datasheet Search
  English  ▼

X  

LM1117 Datasheet(PDF) 12 Page - HTC Korea TAEJIN Technology Co.

Part # LM1117
Description  1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1117 Datasheet(HTML) 12 Page - HTC Korea TAEJIN Technology Co.

Back Button LM1117 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 12Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
1A L.D.O VOLTAGE REGULATOR
LM1117
Mar. 2013 Rev. 1.22
- 12 -
HTC
APPLICATION INFORMATION
Maximum Output Current Capability
The LM1117 can deliver a continuous current of 1A over the full operating junction temperature range. However,
the output current is limited by the restriction of power dissipation which differs from packages. A heat sink may
be required depending on the maximum power dissipation and maximum ambient temperature of application.
With respect to the applied package, the maximum output current of 1A may be still undeliverable due to the
restriction of the power dissipation of LM1117. Under all possible conditions, the junction temperature must be
within the range specified under operating conditions. The temperatures over the device are given by:
TC = TA + PD X θCA / TJ = TC + PD X θJC / TJ = TA + PD X θJA
where TJ is the junction temperature, TC is the case temperature, TA is the ambient temperature, PD is the total
power dissipation of the device, θCA is the thermal resistance of case-to-ambient, θJC is the thermal resistance of
junction-to-case, and θJA is the thermal resistance of junction to ambient. The total power dissipation of the
device is given by:
PD = PIN – POUT = (VIN X IIN)–(VOUT X IOUT)
= (VIN X (IOUT+IGND)) – (VOUT X IOUT) = (VIN - VOUT) X IOUT + VIN X IGND
where IGND is the operating ground current of the device which is specified at the Electrical Characteristics. The
maximum allowable temperature rise (TRmax) depends on the maximum ambient temperature (TAmax) of the
application, and the maximum allowable junction temperature (TJmax):
TRmax = TJmax – TAmax
The maximum allowable value for junction-to-ambient thermal resistance, θJA, can be calculated using the
formula:
θJA = TRmax / PD = (TJmax – TAmax) / PD
LM1117 is available in SOT223, TO252 and SOT89 packages. The thermal resistance depends on amount of
copper area or heat sink, and on air flow. If the maximum allowable value of θJA calculated above is over
137°C/W for SOT-223 package, over 105 °C/W for TO252 package, over 315 °C/W for SOT-89 package, no
heat sink is needed since the package can dissipate enough heat to satisfy these requirements. If the value for
allowable θJA falls near or below these limits, a heat sink or proper area of copper plane is required. In summary,
the absolute maximum ratings of thermal resistances are as follow:
Absolute Maximum Ratings of Thermal Resistance
Characteristic
Symbol
Rating
Unit
Thermal Resistance Junction-To-Ambient / SOT-223
θJA-SOT-223
137
°C/W
Thermal Resistance Junction-To-Ambient / TO-252
θJA-TO-252
105
°C/W
Thermal Resistance Junction-To-Ambient / SOT-89
θJA-SOT-89
315
°C/W
No heat sink / No air flow / No adjacent heat source / 0.066 inch
2 copper area. (T
A=25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com