Electronic Components Datasheet Search
  English  ▼

X  

LM1117 Datasheet(PDF) 7 Page - HTC Korea TAEJIN Technology Co.

Part # LM1117
Description  1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1117 Datasheet(HTML) 7 Page - HTC Korea TAEJIN Technology Co.

Back Button LM1117 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1A L.D.O VOLTAGE REGULATOR
LM1117
Mar. 2013 Rev. 1.22
- 7 -
HTC
For 2.5V Output Voltage
(TA=25℃, CO = 10uF unless otherwise specified)
Symbol
Parameters
Condition
Min.
Typ.
Max.
Unit
VO
Output Voltage
VIN = 4.0V, IO = 10mA
2.475
2.5
2.525
V
VO
Output Voltage
VIN = 4.0V to 12V, IO = 0mA to 1A
(TJ = 0 ~ 125℃)
2.450
2.550
V
Δ
VLINE
Line Regulation
IO = 0mA , VIN = 4.0V to 12V
0.1
0.2
%
Δ
VLOAD
Load Regulation
IO = 0mA to 1A, VIN = 4.5 V
0.2
0.4
%
VIN
Operating Input Voltage
IO = 100mA
12
V
ID
Quiescent Current
VIN - VO = 5V
5
10
mA
IO
Current Limit
VIN - VO = 5V
1000
1250
1600
mA
EN
Output Noise(%VO)
B = 10Hz to 10kHz, TJ = 25℃
100
uV
SVR
Supply Voltage Rejection
IO = 1A, f = 120Hz,
VIN - VO = 3V, VRIPPLE = 1VPP
60
75
dB
For 2.85V Output Voltage
(TA=25℃, CO = 10uF unless otherwise specified)
Symbol
Parameters
Condition
Min.
Typ.
Max.
Unit
VO
Output Voltage
VIN = 4.4V, IO = 10mA
2.821
2.85
2.878
V
VO
Output Voltage
VIN = 4.4V to 12V, IO = 0mA to 1A
(TJ = 0 ~ 125℃)
2.793
2.907
V
Δ
VLINE
Line Regulation
IO = 0mA , VIN = 4.4 to 12V
0.1
0.2
%
Δ
VLOAD
Load Regulation
IO = 0mA to 1A, VIN = 4.85 V
0.2
0.4
%
VIN
Operating Input Voltage
IO = 100mA
12
V
ID
Quiescent Current
VIN - VO = 5V
5
10
mA
IO
Current Limit
VIN - VO = 5V
1000
1250
1600
mA
EN
Output Noise(%VO)
B = 10Hz to 10kHz, TJ = 25℃
100
uV
SVR
Supply Voltage Rejection
IO = 1A, f = 120Hz,
VIN - VO = 3V, VRIPPLE = 1VPP
60
75
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com