Electronic Components Datasheet Search
  English  ▼

X  

USB2532 Datasheet(PDF) 17 Page - SMSC Corporation

Part # USB2532
Description  USB 2.0 Hi-Speed 2-Port Hub Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2532 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button USB2532 Datasheet HTML 13Page - SMSC Corporation USB2532 Datasheet HTML 14Page - SMSC Corporation USB2532 Datasheet HTML 15Page - SMSC Corporation USB2532 Datasheet HTML 16Page - SMSC Corporation USB2532 Datasheet HTML 17Page - SMSC Corporation USB2532 Datasheet HTML 18Page - SMSC Corporation USB2532 Datasheet HTML 19Page - SMSC Corporation USB2532 Datasheet HTML 20Page - SMSC Corporation USB2532 Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
USB 2.0 Hi-Speed 2-Port Hub Controller
Datasheet
SMSC USB2532
17
Revision 1.0 (06-17-13)
DATASHEET
Note 3.2
The LOCAL_PWR pin is sampled during the configuration state, immediately after negation
of reset, to determine whether the device is bus-powered or self-powered. When
configuration is complete, the latched value will not change until the next reset assertion.
To enable dynamic local power switching, the DYNAMIC_POWER register at location
0x4134 must be programmed with 0x41. If dynamic power switching is not required, the
DYNAMIC_POWER register should be left at the default value of 0xC1. Programming may
be performed through the SMBus interface, or permanently via OTP. Refer to the Protouch
MPT User Manual for additional information.
Note 3.3
If using the local power detect function (LOCAL_PWR pin), the NON_REM[1:0]
configuration straps cannot be used to configure the non-removable state of the USB ports.
In this case, the non-removable state of the ports must be configured in internal device
registers via the Protouch tool or SMBus.
Note 3.4
Configuration strap values are latched on Power-On Reset (POR) and the rising edge of
RESET_N (external chip reset). Configuration straps are identified by an underlined
symbol name. Signals that function as configuration straps must be augmented with an
external resistor when connected to a load. Refer to Section 6.3, "Device Configuration
Straps," on page 28 for additional information.
1
+1.2V Core
Power Supply
VDDCR12
P
+1.2V core power supply. A 1.0
μF (<1
Ω ESR)
capacitor to ground is required for regulator
stability. The capacitor should be placed as close
as possible to the device. Refer to Chapter 4,
"Power Connections," on page 20 for power
connection information.
Exposed
Pad on
package
bottom
(Figure 3.1)
Ground
VSS
P
Common ground. This exposed pad must be
connected to the ground plane with a via array.
Table 3.1 Pin Descriptions (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com