Electronic Components Datasheet Search
  English  ▼

X  

USB2532 Datasheet(PDF) 20 Page - SMSC Corporation

Part # USB2532
Description  USB 2.0 Hi-Speed 2-Port Hub Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2532 Datasheet(HTML) 20 Page - SMSC Corporation

Back Button USB2532 Datasheet HTML 16Page - SMSC Corporation USB2532 Datasheet HTML 17Page - SMSC Corporation USB2532 Datasheet HTML 18Page - SMSC Corporation USB2532 Datasheet HTML 19Page - SMSC Corporation USB2532 Datasheet HTML 20Page - SMSC Corporation USB2532 Datasheet HTML 21Page - SMSC Corporation USB2532 Datasheet HTML 22Page - SMSC Corporation USB2532 Datasheet HTML 23Page - SMSC Corporation USB2532 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
USB 2.0 Hi-Speed 2-Port Hub Controller
Datasheet
Revision 1.0 (06-17-13)
20
SMSC USB2532
DATASHEET
Chapter 4 Power Connections
4.1
Integrated Power Regulators
The integrated 3.3V and 1.2V power regulators allow the device to be supplied via a single 3.3V
external power supply.
The regulators are controlled by RESET_N. When RESET_N is brought high, the 3.3V regulator will
turn on. When RESET_N is brought low the 3.3V regulator will turn off.
4.2
Power Connection Diagrams
Figure 4.1 illustrates the power connections for the USB2532.
Figure 4.1 Power Connections
3.3V Regulator
(Bypass)
(IN)
(OUT)
VDDA33
+3.3V
Supply
1.2V
Core Logic
3.3V I/O
USB2532
Single Supply Application
1.2V Regulator
(IN)
(OUT)
3.3V Internal
Logic
VDDA33
VDDA33
VDDCR12
1.0uF
VSS
VDD33
(2x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com