Electronic Components Datasheet Search
  English  ▼

X  

USB2532 Datasheet(PDF) 58 Page - SMSC Corporation

Part # USB2532
Description  USB 2.0 Hi-Speed 2-Port Hub Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2532 Datasheet(HTML) 58 Page - SMSC Corporation

Back Button USB2532 Datasheet HTML 52Page - SMSC Corporation USB2532 Datasheet HTML 53Page - SMSC Corporation USB2532 Datasheet HTML 54Page - SMSC Corporation USB2532 Datasheet HTML 55Page - SMSC Corporation USB2532 Datasheet HTML 56Page - SMSC Corporation USB2532 Datasheet HTML 57Page - SMSC Corporation USB2532 Datasheet HTML 58Page - SMSC Corporation USB2532 Datasheet HTML 59Page - SMSC Corporation USB2532 Datasheet HTML 60Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
USB 2.0 Hi-Speed 2-Port Hub Controller
Datasheet
Revision 1.0 (06-17-13)
58
SMSC USB2532
DATASHEET
Chapter 10 Package Outline
Notes:
1. All dimensions are in millimeters unless otherwise noted.
2. Dimension “b” applies to plated terminals and is measured between 0.15 and 0.30 mm from the terminal tip.
3. The pin 1 identifier may vary, but is always located within the zone indicated.
4. Coplanarity zone applies to exposed pad and terminals.
Figure 10.1 36-SQFN Package Drawing
Table 10.1 36-SQFN Package Dimensions
MIN
NOMINAL
MAX
REMARKS
A
0.80
0.90
1.00
Overall Package Height
A1
0
0.02
0.05
Standoff
D/E
5.90
6.00
6.10
X/Y Body Size
D2/E2
3.60
3.70
3.80
X/Y Exposed Pad Size
L
0.50
0.60
0.75
Terminal Length
b
0.18
0.25
0.30
Terminal Width
k
0.45
0.55
-
Terminal to Exposed Pad Clearance
ccc
-
-
0.08
Coplanarity
e
0.50 BSC
Terminal Pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com