Electronic Components Datasheet Search
  English  ▼

X  

LTC3413 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3413
Description  Monolithic Synchronous Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3413 Datasheet HTML 5Page - Linear Technology LTC3413 Datasheet HTML 6Page - Linear Technology LTC3413 Datasheet HTML 7Page - Linear Technology LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology LTC3413 Datasheet HTML 10Page - Linear Technology LTC3413 Datasheet HTML 11Page - Linear Technology LTC3413 Datasheet HTML 12Page - Linear Technology LTC3413 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3413
9
3413fc
APPLICATIONS INFORMATION
and load step transients as well as the amount of bulk
capacitance that is necessary to ensure that the control
loop is stable. Loop stability can be checked by viewing
the load transient response as described in a later section.
The output ripple, ΔVOUT, is determined by:
Δ≤ Δ
+
⎛
⎝⎜
⎞
⎠⎟
V
I ESR
fC
OUT
L
OUT
1
8
The output ripple is highest at maximum input voltage
since
ΔIL increases with input voltage. Multiple capaci-
tors placed in parallel may be needed to meet the ESR
and RMS current handling requirements. Dry tantalum,
special polymer, aluminum electrolytic and ceramic capaci-
tors are all available in surface mount packages. Special
polymer capacitors offer very low ESR but have lower
capacitance density than other types. Tantalum capacitors
have the highest capacitance density but it is important
to only use types that have been surge tested for use in
switching power supplies.
Aluminum electrolytic capacitors have significantly higher
ESR, but can be used in cost-sensitive applications pro-
vided that consideration is given to ripple current ratings
and long term reliability. Ceramic capacitors have excel-
lent low ESR characteristics but can have a high voltage
coefficient and audible piezoelectric effects. The high Q
of ceramic capacitors with trace inductance can also lead
to significant ringing.
Using Ceramic Input and Output Capacitors
Higher values, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high ripple
current, high voltage rating and low ESR make them ideal
for switching regulator applications. However, care must
be taken when these capacitors are used at the input and
output. When a ceramic capacitor is used at the input and
the power is supplied by a wall adapter through long wires,
a load step at the output can induce ringing at the input,
VIN. At best, this ringing can couple to the output and be
mistaken as loop instability. At worst, a sudden inrush
of current through the long wires can potentially cause a
voltage spike at VIN large enough to damage the part.
When choosing the input and output ceramic capacitors,
choose the X5R or X7R dielectric formulations. These
dielectrics have the best temperature and voltage charac-
teristics of all the ceramics for a given value and size.
Output Voltage Programming
In most applications, VOUT is connected directly to VFB.
The output voltage will be equal to one-half of the volt-
age on the VREF pin for this case.
V
V
OUT
REF
=
2
If a different output voltage relationship is desired, an
external resistor divider from VOUT to VFB can be used.
The output voltage will then be set according to the fol-
lowing equation:
V
V
R
R
OUT
REF
=+
⎛
⎝⎜
⎞
⎠⎟
2
1
2
1
Figure 2. Setting the Output Voltage
R2
VOUT
R1
3413 F02
VFB
SGND
LTC3413
Soft-Start
The RUN/SS pin provides a means to shut down the
LTC3413 as well as a timer for soft-start. Pulling the
RUN/SS pin below 0.5V places the LTC3413 in a low
quiescent current shutdown state (IQ < 1μA).
The LTC3413 contains an internal soft-start clamp that
gradually raises the clamp on ITH after the RUN/SS pin is
pulled above 2V. The full current range becomes available
on ITH after 1024 switching cycles. If a longer soft-start
period is desired, the clamp on ITH can be set externally
with a resistor and capacitor on the RUN/SS pin as shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com