Electronic Components Datasheet Search
  English  ▼

X  

LTC3413 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3413
Description  Monolithic Synchronous Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology LTC3413 Datasheet HTML 10Page - Linear Technology LTC3413 Datasheet HTML 11Page - Linear Technology LTC3413 Datasheet HTML 12Page - Linear Technology LTC3413 Datasheet HTML 13Page - Linear Technology LTC3413 Datasheet HTML 14Page - Linear Technology LTC3413 Datasheet HTML 15Page - Linear Technology LTC3413 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC3413
16
3413fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0708 REV C • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC3406
600mA, (IOUT) 1.5MHz Synchronous Step-Down Regulator
VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 20μA, ThinSOT
LTC3407
Dual 600mA, (IOUT) 1.5MHz, Synchronous Step-Down Regulator
VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 40μA, MS10E
LTC3411
1.25A, (IOUT) 4MHz, Monolithic Synchronous Step-Down Regulator
VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V, IQ = 60μA, MS, DFN-10
LTC3412
2.5A, (IOUT) 4MHz, Monolithic Synchronous Step-Down Regulator
VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V, IQ = 60μA, TSSOP-16
LTC3414
4A, (IOUT) 4MHz, Monolithic Synchronous Step-Down Regulator
VIN: 2.25V to 5.5V, VOUT(MIN) = 0.8V, IQ = 64μA, TSSOP-20E
LTC3713
Low Input Voltage, No RSENSE™ Synchronous Controller
VIN: 1.5V to 10V, VOUT(MIN) = 0.8V, SSOP-24
LTC3717
No RSENSE Controller for DDR Memory Termination
VIN: 5V to 36V, VOUT(MIN) = 0.8V, SSOP-24
LTC3718
Low Input Voltage, No RSENSE Controller for DDR Memory Termination
VIN: 1.5V to 10V, VOUT(MIN) = 0.8V, SSOP-24
No RSENSE is a trademark of Linear Technology Corporation.
RPG
100k
RITH
10k
ROSC
309k
*VISHAY DALE IHLP-2525CZ-01 0.47μH
**TDK C4532X5R0J107M
†TAIYO YUDEN JMK325BJ226MM
††SANYO POSCAP 4TPD470M
RSS
4.7M
CSS
330pF X7R
CITH
2200pF
X7R
CC
100pF
PGOOD
1.5V
SVIN
PGOOD
ITH
VFB
RT
VREF
RUN/SS
SGND
PVIN
SW
SWVFB
PGND
PGND
SW
SW
PVIN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC3413
L1*
0.47μH
CIN1**
100μF
CIN2**
100μF
COUT1
†
22μF
COUT2
††
470μF
GND
3413 TA02
VOUT
0.75V
±3A
VIN
3.3V
+
3.3V to 0.75V, ±3A HSTL Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com