Electronic Components Datasheet Search
  English  ▼

X  

LTC3413 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3413
Description  Monolithic Synchronous Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology LTC3413 Datasheet HTML 10Page - Linear Technology LTC3413 Datasheet HTML 11Page - Linear Technology LTC3413 Datasheet HTML 12Page - Linear Technology LTC3413 Datasheet HTML 13Page - Linear Technology LTC3413 Datasheet HTML 14Page - Linear Technology LTC3413 Datasheet HTML 15Page - Linear Technology LTC3413 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC3413
12
3413fc
APPLICATIONS INFORMATION
3. Keep the switching node, SW, away from all sensitive
small-signal nodes.
4. Flood all unused areas on all layers with copper. Flood-
ing with copper will reduce the temperature rise of power
components. You can connect the copper areas to any DC
net (PVIN, SVIN, VOUT, PGND, SGND or any other DC rail
in your system).
5. Connect the VFB pin directly to the VOUT pin.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the LTC3413. Check the following in your layout.
1. A ground plane is recommended. If a ground plane
layer is not used, the signal and power grounds should
be segregated with all small-signal components returning
to the SGND pin at one point which is then connected to
the PGND pin close to the LTC3413.
2. Connect the (+) terminal of the input capacitor(s), CIN,as
close as possible to the PVIN pin. This capacitor provides
the AC current into the internal power MOSFETs.
RPG
100k
RITH
5.11k
ROSC
309k
*VISHAY DALE IHLP-2525CZ-01 0.47μH
**TDK C4532X5R0J107M
RSS
4.7M
CSS
330pF X7R
CITH
2200pF
X7R
CC
100pF
PGOOD
SVIN
PGOOD
ITH
VFB
RT
VREF
RUN/SS
SGND
PVIN
SW
SWVFB
PGND
PGND
SW
SW
PVIN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC3413
L1*
0.47μH
CIN1**
100μF
CIN2**
100μF
COUT**
100μF
2
GND
3413 F03
VOUT
1.25V
±3A
VIN
2.5V
Figure 3. One-Half VREF, ±3A DDR Memory Termination Supply at 1MHz
(Efficiency Curve is Shown in Figure 1b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com