Electronic Components Datasheet Search
  English  ▼

X  

MCP3426 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP3426
Description  16-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3426 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP3426 Datasheet HTML 32Page - Microchip Technology MCP3426 Datasheet HTML 33Page - Microchip Technology MCP3426 Datasheet HTML 34Page - Microchip Technology MCP3426 Datasheet HTML 35Page - Microchip Technology MCP3426 Datasheet HTML 36Page - Microchip Technology MCP3426 Datasheet HTML 37Page - Microchip Technology MCP3426 Datasheet HTML 38Page - Microchip Technology MCP3426 Datasheet HTML 39Page - Microchip Technology MCP3426 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
MCP3426/7/8
DS22226A-page 36
© 2009 Microchip Technology Inc.
Package Marking Information (Continued)
14-Lead SOIC (150 mil) (MCP3428)
Example:
XXXXXXXXXXX
YYWWNNN
XXXXXXXXXXX
MCP3428
0945256
XXXXXXXX
NNN
YYWW
14-Lead TSSOP (4.4 mm) (MCP3428)
Example:
MCP3428E
256
0945
E/SL^^3
e
1
2
3
4
56
7
8
9
10
10-Lead DFN (3x3) (MCP3427)
10-Lead MSOP (MCP3427)
Example:
XXXXXX
YWWNNN
3427E
945256
Example:
XXXX
YYWW
NNN
1
2
3
4
56
7
8
9
10
3427
0945
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com