Electronic Components Datasheet Search
  English  ▼

X  

MCP3426 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP3426
Description  16-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3426 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP3426 Datasheet HTML 12Page - Microchip Technology MCP3426 Datasheet HTML 13Page - Microchip Technology MCP3426 Datasheet HTML 14Page - Microchip Technology MCP3426 Datasheet HTML 15Page - Microchip Technology MCP3426 Datasheet HTML 16Page - Microchip Technology MCP3426 Datasheet HTML 17Page - Microchip Technology MCP3426 Datasheet HTML 18Page - Microchip Technology MCP3426 Datasheet HTML 19Page - Microchip Technology MCP3426 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
MCP3426/7/8
DS22226A-page 16
© 2009 Microchip Technology Inc.
4.9.2
CONVERTING THE DEVICE
OUTPUT CODE TO INPUT SIGNAL
VOLTAGE
When the user gets the digital output codes from the
device as described in Section 4.9.1 “Digital output
code from device”, the next step is converting the
digital output codes to a measured input voltage.
Equation 4-4 shows an example of converting the
output codes to its corresponding input voltage.
If the sign indicator bit (MSB) is ‘0’, the input voltage
is obtained by multiplying the output code with the LSB
and divided by the PGA setting.
If the sign indicator bit (MSB) is ‘1’, the output code
needs to be converted to two’s complement before
multiplied by LSB and divided by the PGA setting.
Table 4-4 shows an example of converting the device
output codes to input voltage.
EQUATION 4-4:
CONVERTING OUTPUT
CODES TO INPUT
VOLTAGE
TABLE 4-4:
EXAMPLE OF CONVERTING OUTPUT CODE TO VOLTAGE (WITH 16 BIT SETTING)
If MSB = 0 (Positive Output Code):
If MSB = 1 (Negative Output Code):
Where:
LSB
=
See Table 4-1
2’s complement
=
1’s complement + 1
Input Voltage
(Output Code)
LSB
PGA
------------
•
=
Input Voltage
(2
′s complement of Output Code)
LSB
PGA
------------
•
=
Input Voltage
[CHn+ - CHn-]
• PGA]
Digital Output Code
MSB
Example of Converting Output Codes to Input Voltage
≥ V
REF
0111111111111111
0
(2
14+213+212+211+210+29+28+27+26+25+24+23+22+21+20)x
LSB(62.5
μV)/PGA = 2.048 (V) for PGA = 1
VREF - 1 LSB
0111111111111111
0
(2
14+213+212+211+210+29+28+27+26+25+24+23+22+21+20)x
LSB(62.5
μV)/PGA = 2.048 (V) for PGA = 1
2LSB
0000000000000010
0
(0+0+0+0+0+0+0+0+0+0+0+0+0+2
1+0)x LSB(62.5
μV)/PGA
= 125
(μV) for PGA = 1
1LSB
0000000000000001
0
(0+0+0+0+0+0+0+0+0+0+0+0+0+0+2
0)x LSB(62.5
μV)/PGA
= 62.5 (
μV)for PGA = 1
0
0000000000000000
0
(0+0+0+0+0+0+0+0+0+0+0+0+0+0+0)x LSB(62.5
μV)/PGA
= 0 V (V) for PGA = 1
-1 LSB
1111111111111111
1
-(0+0+0+0+0+0+0+0+0+0+0+0+0+0+2
0)x LSB(62.5
μV)/
PGA = - 62.5 (
μV)for PGA = 1
-2 LSB
1111111111111110
1
-(0+0+0+0+0+0+0+0+0+0+0+0+0+2
1+0)x LSB(62.5
μV)/
PGA = - 125 (
μV)for PGA = 1
- VREF
1000000000000000
1
-(2
15+0+0+0+0+0+0+0+0+0+0+0+0+0+0) x LSB(62.5
μV)/
PGA = - 2.048 (V) for PGA = 1
≤ -V
REF
1000000000000000
1
-(2
15+0+0+0+0+0+0+0+0+0+0+0+0+0+0) x LSB(62.5
μV)/
PGA = - 2.048 (V) for PGA = 1
Note:
MSB = sign bit (1: “-”, 0: “+”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com